Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G175 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74LVC1G175
Description  Single D-type flip-flop with reset; positive-edge trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G175 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC1G175 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 14Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74LVC1G175_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 21 May 2007
11 of 17
NXP Semiconductors
74LVC1G175
Single D-type flip-flop with reset; positive-edge trigger
13. Package outline
Fig 10. Package outline SOT363 (SC-88)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface-mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
04-11-08
06-03-16


Numéro de pièce similaire - 74LVC1G175

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G175 PHILIPS-74LVC1G175 Datasheet
91Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 01-18 October 2004
logo
Nexperia B.V. All right...
74LVC1G175 NEXPERIA-74LVC1G175 Datasheet
268Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175-Q100 NEXPERIA-74LVC1G175-Q100 Datasheet
221Kb / 13P
   Single D-type flip-flop with reset; positive-edge trigger
logo
Texas Instruments
74LVC1G175DBVRE4 TI1-74LVC1G175DBVRE4 Datasheet
1Mb / 28P
[Old version datasheet]   Single D-Type Flip-Flop With Asynchronous Clear
74LVC1G175DBVRG4 TI1-74LVC1G175DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Single D-Type Flip-Flop With Asynchronous Clear
More results

Description similaire - 74LVC1G175

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G175 PHILIPS-74LVC1G175 Datasheet
91Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 01-18 October 2004
logo
Nexperia B.V. All right...
74LVC1G175 NEXPERIA-74LVC1G175 Datasheet
268Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175-Q100 NEXPERIA-74LVC1G175-Q100 Datasheet
221Kb / 13P
   Single D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74LVC1G175GW.125 NXP-74LVC1G175GW.125 Datasheet
139Kb / 20P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 5-6 December 2011
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com