Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54418 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54418
Description  2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54418 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS54418 Datasheet HTML 5Page - Texas Instruments TPS54418 Datasheet HTML 6Page - Texas Instruments TPS54418 Datasheet HTML 7Page - Texas Instruments TPS54418 Datasheet HTML 8Page - Texas Instruments TPS54418 Datasheet HTML 9Page - Texas Instruments TPS54418 Datasheet HTML 10Page - Texas Instruments TPS54418 Datasheet HTML 11Page - Texas Instruments TPS54418 Datasheet HTML 12Page - Texas Instruments TPS54418 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
UVLOStartSwitching
UVLOStopSwitching
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V
IN
0
0.5
1
1.5
2
2.5
3
3
3.5
4
4.5
5
5.5
6
V
-InputVoltage-V
IN
T =25°C
J
300
310
320
330
340
350
360
370
380
390
400
V
=3.3V
IN
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
300
310
320
330
340
350
360
370
380
390
400
3
3.5
4
4.5
5
5.5
6
V
-InputVoltage-V
IN
T =25°C
J
88
90
92
94
96
98
100
102
104
106
108
110
VsenseRising,V
=3.3V
IN
VsenseRising
VsenseFalling
VsenseFalling
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
TPS54418
www.ti.com
SLVS946A – MAY 2009 – REVISED MAY 2010
TYPICAL CHARACTERISTICS CURVES (continued)
INPUT VOLTAGE vs TEMPERATURE
SHUTDOWN SUPPLY CURRENT vs TEMPERATURE
Figure 15.
Figure 16.
SHUTDOWN SUPPLY CURRENT vs INPUT VOLTAGE
SUPPLY CURRENT vs TEMPERATURE
Figure 17.
Figure 18.
SUPPLY CURRENT vs INPUT VOLTAGE
PWRGD THRESHOLD vs TEMPERATURE
Figure 19.
Figure 20.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS54418


Numéro de pièce similaire - TPS54418

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI1-TPS54418 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54418ARTER TI1-TPS54418ARTER Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results

Description similaire - TPS54418

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54218 TI-TPS54218 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54418 2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com