Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS63001DRCTG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS63001DRCTG4
Description  HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS63001DRCTG4 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS63001DRCTG4 Datasheet HTML 1Page - Texas Instruments TPS63001DRCTG4 Datasheet HTML 2Page - Texas Instruments TPS63001DRCTG4 Datasheet HTML 3Page - Texas Instruments TPS63001DRCTG4 Datasheet HTML 4Page - Texas Instruments TPS63001DRCTG4 Datasheet HTML 5Page - Texas Instruments TPS63001DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS63001DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS63001DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS63001DRCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
(3,25 mm x 3,25 mm)
1
FEATURES
APPLICATIONS
DESCRIPTION
L1
VIN
VINA
EN
PS/SYNC
GND
L2
VOUT
FB
PGND
L1
2.2µH
C2
10µF
C1
10µF
VIN
1.8Vto
5.5V
VOUT
3.3Vupto
1200mA
TPS63001
TPS63000
TPS63001
TPS63002
www.ti.com........................................................................................................................................................... SLVS520B – MARCH 2006 – REVISED JULY 2008
HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
• All Two-Cell and Three-Cell Alkaline, NiCd or
23
• Up to 96% Efficiency
NiMH or Single-Cell Li Battery Powered
• 1200-mA Output Current at 3.3V in Step Down
Products
Mode (VIN = 3.6V to 5.5V)
• Portable Audio Players
• Up to 800-mA Output Current at 3.3V in Boost
• PDAs
Mode (VIN > 2.4V)
• Cellular Phones
• Automatic Transition between Step Down and
• Personal Medical Products
Boost Mode
• White LEDs
• Device Quiescent Current less than 50µA
• Input Voltage Range: 1.8V to 5.5V
• Fixed and Adjustable Output Voltage Options
The TPS6300x devices provide a power supply
from 1.2V to 5.5V
solution for products powered by either a two-cell or
• Power Save Mode for Improved Efficiency at
three-cell alkaline, NiCd or NiMH battery, or a
Low Output Power
one-cell Li-Ion or Li-polymer battery. Output currents
can go as high as 1200 mA while using a single-cell
• Forced Fixed Frequency Operation and
Li-Ion or Li-Polymer Battery, and discharge it down to
Synchronization possible
2.5V or lower. The buck-boost converter is based on
• Load Disconnect During Shutdown
a fixed frequency, pulse-width-modulation (PWM)
• Over-Temperature Protection
controller using synchronous rectification to obtain
maximum
efficiency.
At
low
load
currents,
the
• Available in Small 3 mm × 3 mm, QFN-10
converter enters Power Save mode to maintain high
Package
efficiency over a wide load current range. The Power
Save mode can be disabled, forcing the converter to
operate at a fixed switching frequency. The maximum
average current in the switches is limited to a typical
value
of
1800
mA.
The
output
voltage
is
programmable using an external resistor divider, or is
fixed internally on the chip. The converter can be
disabled to minimize battery drain. During shutdown,
the load is disconnected from the battery. The device
is packaged in a 10-pin QFN PowerPAD™ package
measuring 3 mm × 3 mm (DRC).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS63001DRCTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63001DRCTG4 TI-TPS63001DRCTG4 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63001DRCTG4 TI1-TPS63001DRCTG4 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
More results

Description similaire - TPS63001DRCTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI1-TPS63000_12 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_15 Datasheet
1,016Kb / 25P
[Old version datasheet]   TPS6300x High-Efficient Single Inductor Buck-Boost Converter With 1.8-A Switches
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI-TPS63010_10 Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_12 Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000-Q1 TI1-TPS63000-Q1 Datasheet
676Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCH
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com