Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G57 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74LVC1G57
Description  Low-power configurable multiple function gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G57 Fiches technique(HTML) 3 Page - NXP Semiconductors

  74LVC1G57 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G57 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74LVC1G57_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 19 July 2007
3 of 17
NXP Semiconductors
74LVC1G57
Low-power configurable multiple function gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
Fig 2.
Pin configuration SOT363
(SC-88) and SOT457 (SC-74)
Fig 3.
Pin configuration SOT886
(XSON6)
Fig 4.
Pin configuration SOT891
(XSON6)
74LVC1G57
BC
GND
AY
001aaf138
1
2
3
6
VCC
5
4
74LVC1G57
GND
001aaf139
B
A
VCC
C
Y
Transparent top view
2
3
1
5
4
6
74LVC1G157
GND
001aaf140
B
A
VCC
C
Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
B
1
data input
GND
2
ground (0 V)
A
3
data input
Y
4
data output
VCC
5
supply voltage
C
6
data input
Table 4.
Function table[1]
Input
Output
C
B
A
Y
LLLH
LLH
L
LH
LH
L
HHL
H
LLL
HL
HL
HHL
H
HHHH


Numéro de pièce similaire - 74LVC1G57

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G57 PHILIPS-74LVC1G57 Datasheet
99Kb / 18P
   Low-power configurable multiple function gate
Rev. 01-6 September 2004
logo
Diodes Incorporated
74LVC1G57 DIODES-74LVC1G57 Datasheet
292Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35125 Rev. 1 - 2
74LVC1G57 DIODES-74LVC1G57 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Nexperia B.V. All right...
74LVC1G57 NEXPERIA-74LVC1G57 Datasheet
269Kb / 18P
   Low-power configurable multiple function gate
Rev. 10 - 1 February 2022
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
More results

Description similaire - 74LVC1G57

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com