Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1806BZCED4 Fiches technique(PDF) 42 Page - Texas Instruments

No de pièce AM1806BZCED4
Description  AM1806 ARM Microprocessor
Download  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM1806BZCED4 Fiches technique(HTML) 42 Page - Texas Instruments

Back Button AM1806BZCED4 Datasheet HTML 38Page - Texas Instruments AM1806BZCED4 Datasheet HTML 39Page - Texas Instruments AM1806BZCED4 Datasheet HTML 40Page - Texas Instruments AM1806BZCED4 Datasheet HTML 41Page - Texas Instruments AM1806BZCED4 Datasheet HTML 42Page - Texas Instruments AM1806BZCED4 Datasheet HTML 43Page - Texas Instruments AM1806BZCED4 Datasheet HTML 44Page - Texas Instruments AM1806BZCED4 Datasheet HTML 45Page - Texas Instruments AM1806BZCED4 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 241 page
background image
AM1806
SPRS658B – FEBRUARY 2010 – REVISED MAY 2010
www.ti.com
3.7.18 Multimedia Card/Secure Digital (MMC/SD)
Table 3-20. Multimedia Card/Secure Digital (MMC/SD) Terminal Functions
SIGNAL
POWER
TYPE(1)
PULL(2)
DESCRIPTION
GROUP(3)
NAME
NO.
MMCSD0
MMCSD0_CLK / PRU1_R30[31] /GP4[7] / PRU1_R31[23]
E9
O
CP[18]
B
MMCSD0 Clock
EMA_A[22] / MMCSD0_CMD / PRU1_R30[30] / GP4[6] /
A10
I/O
CP[18]
B
MMCSD0 Command
PRU1_R31[22]
EMA_A[14] / MMCSD0_DAT[7] / PRU1_R30[22] / GP5[14]
A12
I/O
CP[19]
B
EMA_A[15] / MMCSD0_DAT[6] / PRU1_R30[23] / GP5[15]
C11
I/O
CP[19]
B
EMA_A[16] / MMCSD0_DAT[5] / PRU1_R30[24] / GP4[0]
E12
I/O
CP[18]
B
EMA_A[17] / MMCSD0_DAT[4] / PRU1_R30[25] / GP4[1]
B11
I/O
CP[18]
B
EMA_A[18] / MMCSD0_DAT[3] / PRU1_R30[26] / GP4[2] /
E11
I/O
CP[18]
B
PRU1_R31[18]
MMC/SD0 data
EMA_A[19] / MMCSD0_DAT[2] / PRU1_R30[27] / GP4[3] /
C10
I/O
CP[18]
B
PRU1_R31[19]
EMA_A[20] / MMCSD0_DAT[1] / PRU1_R30[28] / GP4[4] /
A11
I/O
CP[18]
B
PRU1_R31[20]
EMA_A[21] / MMCSD0_DAT[0] / PRU1_R30[29] / GP4[5] /
B10
I/O
CP[18]
B
PRU1_R31[21]
MMCSD1
PRU0_R30[24] /MMCSD1_CLK / UPP_CHB_START /
G2
O
CP[30]
C
MMCSD1 Clock
GP8[14]/PRU1_R31[26]/
PRU0_R30[23] /MMCSD1_CMD / UPP_CHB_ENABLE /
J4
I/O
CP[30]
C
MMCSD1 Command
GP8[13]/PRU1_R31[25]
MMCSD1_DAT[7] / LCD_PCLK / PRU1_R30[7] / GP8[11]
F1
I/O
CP[31]
C
MMCSD1_DAT[6] / LCD_MCLK /PRU1_R30[6] / GP8[10] /
F2
I/O
CP[31]
C
PRU1_R31[7]
MMCSD1_DAT[5] / LCD_HSYNC /PRU1_R30[5] / GP8[9] /
H4
I/O
CP[31]
C
PRU1_R31[6]
MMCSD1_DAT[4] / LCD_VSYNC /PRU1_R30[4] / GP8[8] /
G4
I/O
CP[31]
C
PRU1_R31[5]
MMC/SD1 data
VP_CLKIN2 / MMCSD1_DAT[3] / PRU1_R30[3] / GP6[4] /
H3
I/O
CP[30]
C
PRU1_R31[4]
VP_CLKOUT2 / MMCSD1_DAT[2] / PRU1_R30[2] / GP6[3] /
K3
I/O
CP[30]
C
PRU1_R31[3]
VP_CLKIN3 / MMCSD1_DAT[1]/ PRU1_R30[1] / GP6[2] /
J3
I/O
CP[30]
C
PRU1_R31[2]
PRU0_R30[25] / MMCSD1_DAT[0] / UPP_CHB_CLOCK / GP8[15]/
G1
I/O
CP[30]
C
PRU1_R31[27]
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor; IPU = Internal Pullup resistor; CP[n] = configurable pull-up/pull-down (where n is the pin group) using
the PUPDENA and PUPDSEL registers in the System Module. The pull-up and pull-down control of these pins is not active until the
device is out of reset. During reset, all of the pins associated with these registers are weakly pulled down. If the application requires a
pull-up, an external pull-up can be used.
(3)
This signal is part of a dual-voltage IO group (A, B or C). These groups can be operated at 3.3V or 1.8V nominal. The three groups can
be operated at independent voltages but all pins withina group will operate at the same voltage. Group A operates at the voltage of
power supply DVDD3318_A. Group B operates at the voltage of power supply DVDD3318_B. Group C operates at the voltage of power
supply DVDD3318_C.
42
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1806


Numéro de pièce similaire - AM1806BZCED4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM1806BZCED4 TI-AM1806BZCED4 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1806BZCED4 TI-AM1806BZCED4 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1806BZCED4 TI1-AM1806BZCED4 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1806BZCED4 TI1-AM1806BZCED4 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
More results

Description similaire - AM1806BZCED4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1806 TI-AM1806 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1806 TI-AM1806_15 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com