Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS6J2M-5HRT Fiches technique(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

No de pièce LS6J2M-5HRT
Description  Illuminated Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Site Internet  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS6J2M-5HRT Fiches technique(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS6J2M-5HRT Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
94
● ● ● ● ● ● ● ● ● ●
照光式
LS6 シリーズ 
Illuminated Type
LS6 Series
1. 小型であるため実用上のレイアウト
の融通性が高く、2種類の厚さは他の
コンポーネントとの共用により大き
な自由度を与え、セット設計が容易に
行なえます。
2. LEDはスイッチの角の各コーナーに
配置されますが、1個(1色×1個)、2
個(2色×各1個又は1色×2個)の内
臓が可能です。(LEDなしでの出荷も
致します)
3. リフロー炉によるはんだ付けが出来
ます。
1. The small size of switches allows a
high level of frexibility in layout, with
the two different thicknesses
available, permitting greater freedom
of combination with other components,
making set design simple.
2. LEDs are fitted on each corner of the
switch, in the following combinations:
1LED (1 color×1); 2 LEDs (2 color or
1 color×2), and 4 LEDs (max. 2
colors). A switch without LED is also
available.
3. Refiow soldering is possible using a
reflow furnace.
●製品コード/Product code
LS6 J 1 M - 1 R / T
〈シリーズ/Series
スイッチ高さ/Thickness
J:2.5mm
U:5.0mm
操作荷重/Operating force
1:1.18N(120gf)
2:1.96N(200gf)
3:2.74N(280gf)
スイッチバネ種類/Kind of switch spring
M:スイッチ/Switch
LED付の位置及び数(LED付のみ)/Location and number of LED(s)
LEDの位置及び数を下図(※)の1∼5のコードNo.から選択
Choose one number of the five code numbers from the illsutration
below under ※ for the desired location and number of LED(s).
J、UタイプのLEDなしの場合は未記入
This digit is not applicable to both J and U types without LED.
LED発光色(LED付のみ)/Color of LED
LED発光色(LED付のみ)/Color of another LED
LEDの数2ヶになる場合/Applicable only to two LEDs version
包装形態/Packing mode
無記入:バルク包装
Non-coded:Bulk packing
T:テーピング(基本納入形態)
T:Taping (standard mode)
(※)左図のコードNo.2およびコードNo.4タイプでは、いずれも2つ並んだLEDのうち、内側のものは長波長の色、外側の
ものは短波長の色となります。またコードNo.5タイプでは、向かって左側のLEDが長波長の色、右側のものは短波長の
色となります。
このほかのLED1個付きタイプ、同一色2個付きタイプについては、特に規定はありません。
(※)Regarding both Code No. 2 and Code No. 4 in the left figure, the inner LED emits a long-wavelength
color and the outer LED emits a short-wavelength color. Regarding Code No. 5, the LED on the
observers' left emits a long-wavelength color and the other emits a short-wavelength color.
The models other than the above such as 1-LED type and 2-LED 1-color type are not specified.
■ 特徴/ Features
●外形寸法図/Outline drawing
3
1
4
2
ø3.9
1
2
4
3
ø2.3
※UR,HRは極性が逆です。
※Polarity is reversed
 on the UR and HR.
3
1
4
5
6
2
ø3.9
1
2
4
5
6
3
ø2.3
単位/Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
LS6Jタイプ/LS6J type
LEDなし/without LED
LED付/with LED
LED付の位置及び数
(LS6J/Uタイプの
LED付に適用)
Location and number of
LED(s)(Applicable only
to LS6J and U types)
コードNO.
Code No.
12
4
35
LS6J
LS6U
1.55
1.55
3.15
3.55
2.95
1.65
1.65
1.35
1.35
LEDなし/without LED
LED付/with LED
リフローはんだ用/For reflow soldering
5.2(L)×5.2(W)×5.0(H)mm
5.2(L)×5.2(W)×2.5(H)mm
回路図
Circuit diagram
回路図
Circuit diagram
(※)


Numéro de pièce similaire - LS6J2M-5HRT

FabricantNo de pièceFiches techniqueDescription
logo
DONG IL TECHNOLOGY LTD.
LS6 DIT-LS6 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
Teledyne Technologies I...
LS60 TELEDYNE-LS60 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
logo
Texas Instruments
LS600 TI-LS600 Datasheet
151Kb / 9P
[Old version datasheet]   N.P.N PLANAR SILICON PHOTOTRANSISTORS
LS602 TI-LS602 Datasheet
151Kb / 9P
[Old version datasheet]   N.P.N PLANAR SILICON PHOTOTRANSISTORS
logo
BOWIN ELECTRONIC CO.
LS6022 BOWIN-LS6022 Datasheet
88Kb / 7P
   Dual display Real time clock with Timer
More results

Description similaire - LS6J2M-5HRT

FabricantNo de pièceFiches techniqueDescription
logo
CITIZEN ELECTRONICS CO....
LS20 CITIZEN-LS20 Datasheet
482Kb / 2P
   Illuminated Type
LS40 CITIZEN-LS40 Datasheet
475Kb / 2P
   Illuminated Type
LS9 CITIZEN-LS9 Datasheet
474Kb / 2P
   Illuminated Type
LS45 CITIZEN-LS45 Datasheet
477Kb / 2P
   Illuminated Type
logo
Copal Electronics
DP4 COPAL-DP4 Datasheet
438Kb / 2P
   Non-Illuminated Type
logo
CITIZEN ELECTRONICS CO....
LS10 CITIZEN-LS10 Datasheet
221Kb / 2P
   Non-illuminated/Horizontal Type
LS12 CITIZEN-LS12 Datasheet
188Kb / 2P
   Non-illuminated/Horizontal Type
LS18 CITIZEN-LS18 Datasheet
189Kb / 2P
   Non-illuminated/Vertical Type
LS7 CITIZEN-LS7 Datasheet
381Kb / 1P
   Non-illuminated/Vertical Type
LS10 CITIZEN-LS10_1 Datasheet
476Kb / 2P
   Non-illuminated/Horizontal Type
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com