Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC3G34 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74HC3G34
Description  Triple buffer gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G34 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74HC3G34 Datasheet HTML 5Page - NXP Semiconductors 74HC3G34 Datasheet HTML 6Page - NXP Semiconductors 74HC3G34 Datasheet HTML 7Page - NXP Semiconductors 74HC3G34 Datasheet HTML 8Page - NXP Semiconductors 74HC3G34 Datasheet HTML 9Page - NXP Semiconductors 74HC3G34 Datasheet HTML 10Page - NXP Semiconductors 74HC3G34 Datasheet HTML 11Page - NXP Semiconductors 74HC3G34 Datasheet HTML 12Page - NXP Semiconductors 74HC3G34 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74HC_HCT3G34_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 7 May 2009
10 of 13
NXP Semiconductors
74HC3G34; 74HCT3G34
Triple buffer gate
Fig 9.
Package outline SOT996-2 (XSON8U)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT996-2
- - -
- - -
SOT996-2
07-12-18
07-12-21
UNIT
A
max
mm
0.5
0.05
0.00
0.35
0.15
3.1
2.9
0.5
1.5
0.5
0.3
0.6
0.4
0.1
0.05
A1
DIMENSIONS (mm are the original dimensions)
XSON8U: plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3 x 2 x 0.5 mm
0
1
2 mm
scale
b
D
2.1
1.9
E
e
e1
L
L1
0.15
0.05
L2
v
w
0.05
y
y1
0.1
C
y
C
y1
X
b
14
85
e1
e
A
C
B
v M
C
w M
L2
L1
L
terminal 1
index area
B
A
D
E
detail X
A
A1


Numéro de pièce similaire - 74HC3G34

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Nexperia B.V. All right...
74HC3G34 NEXPERIA-74HC3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
   Triple buffer gate
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
logo
NXP Semiconductors
74HC3G34DC PHILIPS-74HC3G34DC Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
More results

Description similaire - 74HC3G34

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Texas Instruments
SN74LVC3G34 TI1-SN74LVC3G34_15 Datasheet
903Kb / 21P
[Old version datasheet]   Triple Buffer Gate
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
   Triple buffer gate
74HC3G16 NEXPERIA-74HC3G16 Datasheet
184Kb / 9P
   Triple buffer gate
Rev. 3 - 17 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com