Moteur de recherche de fiches techniques de composants électroniques |
|
74HC1G00GW Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
74HC1G00GW Fiches technique(HTML) 3 Page - NXP Semiconductors |
3 / 10 page 74HC_HCT1G00_4 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 04 — 11 July 2007 3 of 10 NXP Semiconductors 74HC1G00; 74HCT1G00 2-input NAND gate 8. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] Above 55 °C the value of Ptot derates linearly with 2.5 mW/K. 9. Recommended operating conditions 10. Static characteristics Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). [1] Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +7.0 V IIK input clamping current VI < −0.5 V or VI >VCC + 0.5 V - ±20 mA IOK output clamping current VO < −0.5 V or VO >VCC + 0.5 V - ±20 mA IO output current −0.5 V < V O <VCC + 0.5 V - ±12.5 mA ICC supply current - 25 mA IGND ground current −25 - mA Tstg storage temperature −65 +150 °C Ptot total power dissipation Tamb = −40 °C to +125 °C [2] - 200 mW Table 6. Recommended operating conditions Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 74HC1G00 74HCT1G00 Unit Min Typ Max Min Typ Max VCC supply voltage 2.0 5.0 6.0 4.5 5.0 5.5 V VI input voltage 0 - VCC 0- VCC V VO output voltage 0 - VCC 0- VCC V Tamb ambient temperature −40 +25 +125 −40 +25 +125 °C ∆t/∆V input transition rise and fall rate VCC = 2.0 V - - 625 - - - ns/V VCC = 4.5 V - - 139 - - 139 ns/V VCC = 6.0 V - - 83 - - - ns/V Table 7. Static characteristics Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 °C. Symbol Parameter Conditions −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ Max Min Max For type 74HC1G00 VIH HIGH-level input voltage VCC = 2.0 V 1.5 1.2 - 1.5 - V VCC = 4.5 V 3.15 2.4 - 3.15 - V VCC = 6.0 V 4.2 3.2 - 4.2 - V VIL LOW-level input voltage VCC = 2.0 V - 0.8 0.5 - 0.5 V VCC = 4.5 V - 2.1 1.35 - 1.35 V VCC = 6.0 V - 2.8 1.8 - 1.8 V |
Numéro de pièce similaire - 74HC1G00GW |
|
Description similaire - 74HC1G00GW |