Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4754 Fiches technique(PDF) 2 Page - Diotech Company.

No de pièce 1N4754
Description  1W EPITAXIAL ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIOTECH [Diotech Company.]
Site Internet  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

1N4754 Fiches technique(HTML) 2 Page - Diotech Company.

  1N4754 Datasheet HTML 1Page - Diotech Company. 1N4754 Datasheet HTML 2Page - Diotech Company. 1N4754 Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N4728A THRU 1N4764A
1W EPITAXIAL ZENER DIODE
Nominal
Test
Surge
Maximum
Zener
Current
current
regulator
Type
Voltage 3)
Current 2)
at
at
at
at
TA=0.25
IZT
IZT
ZZK
IZK
at
VR
IR
IZM
VZ
V
IZT mA
ZZT
mA
IR A
V
mA
mA
1N4728
3.3
76
10
1.0
1380
276
1N4729
3.6
69
10
1.0
1260
252
1N4730
3.9
64
9
50
1.0
1190
234
1N4731
4.3
58
9
1.0
1070
217
1N4732
4.7
53
8
500
1.0
970
193
1N4733
5.1
49
7
550
1.0
890
178
1N4734
5.6
45
5
600
2.0
810
162
1N4735
6.2
41
2
3.0
730
146
1N4736
6.8
37
3.5
4.0
660
133
1N4737
7.5
34
4.0
5.0
605
121
1N4738
8.2
31
4.5
6.0
550
110
1N4739
9.1
28
5.0
7.0
500
100
1N4740
10
25
7
7.6
454
91
1N4741
11
23
8
8.4
414
83
1N4742
12
21
9
9.1
380
76
1N4743
13
19
10
9.9
344
69
1N4744
15
17
14
11.4
304
61
1N4745
16
15.5
16
12.2
285
57
1N4746
18
14
20
13.7
250
50
1N4747
20
12.5
22
15.2
225
45
1N4748
22
11.5
23
16.7
205
41
1N4749
24
10.5
25
18.2
190
38
1N4750
27
9.5
35
20.6
170
34
1N4751
30
8.5
40
22.8
150
30
1N4752
33
7.5
45
25.1
135
27
1N4753
36
7.0
50
27.4
125
25
1N4754
39
6.5
60
29.7
115
23
1N4755
43
6.0
70
32.7
110
22
1N4756
47
5.5
80
35.8
95
19
1N4757
51
5.0
95
38.8
90
18
1N4758
56
4.5
110
42.6
80
16
1N4759
62
4.0
125
47.1
70
14
1N4760
68
3.7
150
51.7
65
13
1N4761
75
3.3
175
56.0
60
12
1N4762
82
3.0
200
62.2
55
11
1N4763
91
2.8
250
69.2
50
10
1N4764
100
2.5
350
76.0
45
9
Notes:1) The Zener impedance is derived from the 1KHz AC voltage which results when an AC current having an RMS calue equal to 10% of the Zener
current(IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units.
2) Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature
3) Measured under thermal equilibriun and DC test conditions.
100
10
5
Maximum Zener Impedance 1)
Maximum
reverse leakage current
1500
2000
3000
1.0
5.0
0.25
400
700
750
1000


Numéro de pièce similaire - 1N4754

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
1N4754 SURGE-1N4754 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Microdiode Electronics ...
1N4754 CHENDA-1N4754 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4754 JINANJINGHENG-1N4754 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4754 NJSEMI-1N4754 Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
logo
Semtech Corporation
1N4754 SEMTECH-1N4754 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

Description similaire - 1N4754

FabricantNo de pièceFiches techniqueDescription
logo
Diotech Company.
DL4728A DIOTECH-DL4728A Datasheet
902Kb / 3P
   1W EPITAXIAL ZENER DIODE
ZM4728A DIOTECH-ZM4728A Datasheet
901Kb / 3P
   1W EPITAXIAL ZENER DIODE
1N4729A DIOTECH-1N4729A Datasheet
946Kb / 3P
   1W EPITAXIAL ZENER DIODE
logo
Jinan Gude Electronic D...
1N4728A JGD-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
DIYI Electronic Technol...
1SMA4728A DYELEC-1SMA4728A Datasheet
107Kb / 1P
   ZENER DIODE 1W
logo
List of Unclassifed Man...
1N4728A ETC-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Shenzhen Taychipst Elec...
1N5221B TAYCHIPST-1N5221B Datasheet
4Mb / 2P
   EPITAXIAL ZENER DIODE
logo
NEC
RD4.7P NEC-RD4.7P Datasheet
258Kb / 6P
   1W POWER MINI MOLD ZENER DIODE
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
   1W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com