Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVCH2T45GT Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74AVCH2T45GT
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH2T45GT Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74AVCH2T45GT Datasheet HTML 2Page - NXP Semiconductors 74AVCH2T45GT Datasheet HTML 3Page - NXP Semiconductors 74AVCH2T45GT Datasheet HTML 4Page - NXP Semiconductors 74AVCH2T45GT Datasheet HTML 5Page - NXP Semiconductors 74AVCH2T45GT Datasheet HTML 6Page - NXP Semiconductors 74AVCH2T45GT Datasheet HTML 7Page - NXP Semiconductors 74AVCH2T45GT Datasheet HTML 8Page - NXP Semiconductors 74AVCH2T45GT Datasheet HTML 9Page - NXP Semiconductors 74AVCH2T45GT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
74AVCH2T45_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 May 2009
6 of 31
NXP Semiconductors
74AVCH2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
10. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V). All unused data inputs of the device
must be held at VCCI or GND to ensure proper device operation.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VOH
HIGH-level output
voltage
VI = VIH
IO = −1.5 mA; VCC(A) =VCC(B) = 0.8 V
-
0.69
-
V
VOL
LOW-level output
voltage
VI = VIL
IO = 1.5 mA; VCC(A) =VCC(B) = 0.8 V
-
0.07
-
V
II
input leakage
current
DIR input; VI = GND to VCC(A);
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
±0.025 ±0.25
µA
IBHL
bus hold LOW
current
VI = 0.42 V; VCC(A) = VCC(B) = 1.2 V
-
26
-
µA
IBHH
bus hold HIGH
current
VI = 0.78 V; VCC(A) = VCC(B) = 1.2 V
-
−24
-
µA
IBHLO
bus hold LOW
overdrive current
VI = GND to VCCI;
VCC(A) =VCC(B) = 1.2 V
[1] -28
-
µA
IBHHO
bus hold HIGH
overdrive current
VI = GND to VCCI;
VCC(A) =VCC(B) = 1.2 V
[1] -
−26
-
µA
IOZ
OFF-state output
current
A or B port; VO = GND or VCCO;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
[2] -
±0.5
±2.5
µA
IOFF
power-off leakage
current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V;VCC(B) = 0.8 V to 3.6 V
-
±0.1
±1.0
µA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V;VCC(A) = 0.8 V to 3.6 V
-
±0.1
±1.0
µA
CI
input capacitance
DIR input; VI = GND or 3.3 V;
VCC(A) =VCC(B) = 3.3 V
-
1.0
-
pF
CI/O
input/output
capacitance
A and B port; suspend mode;
VO =VCCO or GND;
VCC(A) =VCC(B) = 3.3 V
[2] -
4.0
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-level input
voltage
data input
[1]
VCCI = 0.8 V
0.7VCCI
--
V
VCCI = 1.1 V to 1.95 V
0.65VCCI
--
V
VCCI = 2.3 V to 2.7 V
1.6
-
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
-
V
DIR input
[1]
VCCI = 0.8 V
0.7VCC(A)
--
V
VCCI = 1.1 V to 1.95 V
0.65VCC(A)
--
V
VCCI = 2.3 V to 2.7 V
1.6
-
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
-
V


Numéro de pièce similaire - 74AVCH2T45GT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVCH2T45GT PHILIPS-74AVCH2T45GT Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45GT NEXPERIA-74AVCH2T45GT Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
More results

Description similaire - 74AVCH2T45GT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
logo
NXP Semiconductors
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
logo
Nexperia B.V. All right...
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
logo
NXP Semiconductors
74AVC2T45DP NXP-74AVC2T45DP Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVC2T45 NXP-74AVC2T45_09 Datasheet
167Kb / 32P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVC2T45 NEXPERIA-74AVC2T45 Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com