Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2T1326 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74AUP2T1326
Description  Low-power dual supply buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2T1326 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74AUP2T1326 Datasheet HTML 2Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 3Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 4Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 5Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 6Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 7Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 8Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 9Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74AUP2T1326_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 1 July 2009
6 of 16
NXP Semiconductors
74AUP2T1326
Low-power dual supply buffer/line driver; 3-state
[1]
VCCI is the supply voltage associated with the input pin.
[2]
VCCO is the supply voltage associated with the output pin.
[3]
For VCCI values not specified in the data sheet: minimum VIH = 0.7 × VCCI and maximum VIL = 0.3 × VCCI.
[4]
To show ICC remains very low when the input-disable feature is enabled.
∆I
OFF
additional
power-off
leakage
current
1Y; VCC(A) =0Vto0.2 V;
VO = 0 V to 2.7 V;
VCC(B) = 1.65 V to 2.7 V
--
±0.2
-
±0.6
µA
A, 2Y, 3Y;
VCC(B) = 0 V to 0.2 V;
VI or VO = 0 V to 2.7 V;
VCC(A) = 1.65 V to 2.7 V
--
±0.2
-
±0.6
µA
ICC(A)
supply
current A
VI = 0 V or VCC(A); IO =0A
[1]
VCC(A) = 1.65 V to 2.7 V;
VCC(B) = 0 V to 2.7 V
-
-
0.5
-
0.9
µA
ICC(B)
supply
current B
VI = 0 V or VCC(B); IO =0A
[1]
VCC(A) = VCC(B) = 1.65 V to
2.7 V;
-
-
0.5
-
0.9
µA
VCC(A) = 1.71 V; VCC(B) = 2.6 V
-
-
500
-
750
µA
∆ICC
additional
supply
current
nOE; VCC(A) =VCC(B) = 2.7 V;
VI =VCC(A) − 0.6 V
-
-
40
-
50
µA
A; VCC(A) =VCC(B) = 2.7 V;
VI =VCC(B) − 0.6 V;
-
-
80
-
100
µA
A; VI = GND to 2.7 V;
nOE = GND;
VCC(A) = 1.65 V to 2.7 V;
VCC(B) = 1.65 V to 2.7 V
[4]
--
2
-
2
µA
Rpd
pull-down
resistance
145
200
255
140
260
k
CI
input
capacitance
input A; VI =0V orVCCI;
VCCI = 1.65 V to 2.7 V
[1]
-
0.9
-
-
-
pF
input nOE; VI =0V or VCCI;
VCCI = 1.65 V to 2.7 V
[1]
-
0.8
-
-
-
pF
CO
output
capacitance
1Y; VO = GND; VCCO = 0 V
[2] -
1.7
-
-
-
pF
2Y, 3Y enabled; VO = GND;
VCCO =0 V
[2] -
1.7
-
-
-
pF
2Y, 3Y disabled;
VCCO = 0 V to 2.7 V;
VO = GND or VCCO
[2] -
1.5
-
-
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C
Unit
Min
Typ
Max
Min
Max


Numéro de pièce similaire - 74AUP2T1326

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP2T1326 NEXPERIA-74AUP2T1326 Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
74AUP2T1326GF NEXPERIA-74AUP2T1326GF Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
More results

Description similaire - 74AUP2T1326

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP2T1326 NEXPERIA-74AUP2T1326 Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
logo
NXP Semiconductors
74AUP1T1326 NXP-74AUP1T1326 Datasheet
127Kb / 24P
   Low-power dual supply buffer/line driver; 3-state
Rev. 01-20 January 2009
logo
Nexperia B.V. All right...
74AUP1T1326 NEXPERIA-74AUP1T1326 Datasheet
294Kb / 25P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2.1 - 23 July 2018
logo
NXP Semiconductors
74AXP1T125GWH NXP-74AXP1T125GWH Datasheet
208Kb / 22P
   Dual supply buffer/line driver; 3-state
Rev. 1-21 December 2015
logo
Nexperia B.V. All right...
74AXP1T125 NEXPERIA-74AXP1T125 Datasheet
265Kb / 18P
   Dual supply buffer/line driver; 3-state
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com