Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2G79DC Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AUP2G79DC
Description  Low-power dual D-type flip-flop; positive-edge trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G79DC Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP2G79DC Datasheet HTML 7Page - NXP Semiconductors 74AUP2G79DC Datasheet HTML 8Page - NXP Semiconductors 74AUP2G79DC Datasheet HTML 9Page - NXP Semiconductors 74AUP2G79DC Datasheet HTML 10Page - NXP Semiconductors 74AUP2G79DC Datasheet HTML 11Page - NXP Semiconductors 74AUP2G79DC Datasheet HTML 12Page - NXP Semiconductors 74AUP2G79DC Datasheet HTML 13Page - NXP Semiconductors 74AUP2G79DC Datasheet HTML 14Page - NXP Semiconductors 74AUP2G79DC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
74AUP2G79_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 30 June 2009
11 of 21
NXP Semiconductors
74AUP2G79
Low-power dual D-type flip-flop; positive-edge trigger
CL = 5 pF, 10 pF, 15 pF and 30 pF
tsu
set-up time
HIGH; nD to nCP; see
Figure 9
VCC = 0.8 V
-
3.4
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
0.8
-
1.5
-
1.5
-
ns
VCC = 1.4 V to 1.6 V
-
0.5
-
1.0
-
1.0
-
ns
VCC = 1.65 V to 1.95 V
-
0.5
-
0.9
-
0.9
-
ns
VCC = 2.3 V to 2.7 V
-
0.4
-
0.7
-
0.7
-
ns
VCC = 3.0 V to 3.6 V
-
0.4
-
0.6
-
0.6
-
ns
LOW; nD to nCP;
see Figure 9
VCC = 0.8 V
-
3.0
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
0.9
-
1.6
-
1.6
-
ns
VCC = 1.4 V to 1.6 V
-
0.6
-
1.0
-
1.0
-
ns
VCC = 1.65 V to 1.95 V
-
0.5
-
0.9
-
0.9
-
ns
VCC = 2.3 V to 2.7 V
-
0.5
-
0.9
-
0.9
-
ns
VCC = 3.0 V to 3.6 V
-
0.7
-
1.0
-
1.0
-
ns
th
hold time
nD to nCP; see Figure 9
VCC = 0.8 V
-
−1.9
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
−0.6
-
0
-
0
-
ns
VCC = 1.4 V to 1.6 V
-
−0.4
-
0
-
0
-
ns
VCC = 1.65 V to 1.95 V
-
−0.4
-
0
-
0
-
ns
VCC = 2.3 V to 2.7 V
-
−0.4
-
0
-
0
-
ns
VCC = 3.0 V to 3.6 V
-
−0.3
-
0
-
0
-
ns
tW
pulse width
HIGH or LOW; nCP;
see Figure 9
VCC = 0.8 V
-
5.6
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
2.4
-
3.5
-
3.5
-
ns
VCC = 1.4 V to 1.6 V
-
1.3
-
2.0
-
2.0
-
ns
VCC = 1.65 V to 1.95 V
-
0.9
-
1.9
-
1.9
-
ns
VCC = 2.3 V to 2.7 V
-
0.7
-
2.0
-
2.0
-
ns
VCC = 3.0 V to 3.6 V
-
0.6
-
2.2
-
2.2
-
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
Min
Max


Numéro de pièce similaire - 74AUP2G79DC

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP2G79DC NEXPERIA-74AUP2G79DC Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
74AUP2G79DC-Q100 NEXPERIA-74AUP2G79DC-Q100 Datasheet
235Kb / 15P
   Low-power dual D-type flip-flop; positive-edge trigger
More results

Description similaire - 74AUP2G79DC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP2G80 NXP-74AUP2G80 Datasheet
95Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
logo
Nexperia B.V. All right...
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
   Low-power dual D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AUP2G80 PHILIPS-74AUP2G80 Datasheet
94Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 01-25 August 2006
74AUP2G80 NXP-74AUP2G80_08 Datasheet
111Kb / 20P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-2 June 2008
logo
Nexperia B.V. All right...
74AUP2G79 NEXPERIA-74AUP2G79 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
74AUP2G80 NEXPERIA-74AUP2G80 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 7 December 2020
logo
NXP Semiconductors
74AUP1G79 PHILIPS-74AUP1G79 Datasheet
97Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
74AUP1G79 NXP-74AUP1G79 Datasheet
113Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
74AUP1G80 NXP-74AUP1G80 Datasheet
103Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-20 October 2006
logo
Nexperia B.V. All right...
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com