Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC2-3E4 Fiches technique(PDF) 2 Page - Ferroxcube International Holding B.V.

No de pièce TC2-3E4
Description  Ferrite toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FERROXCUBE [Ferroxcube International Holding B.V.]
Site Internet  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TC2-3E4 Fiches technique(HTML) 2 Page - Ferroxcube International Holding B.V.

  TC2-3E4 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TC2-3E4 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TC2-3E4 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1587
Ferroxcube
Ferrite toroids
TC6/4/2
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with parylene C, flame retardant in
accordance with “UL 94V-2”; UL file number E 194397.
The coating is transparent.
Maximum operating temperature is 90
°C.
Isolation voltage
DC isolation voltage: 1000 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
7.75
mm−1
Ve
effective volume
30.2
mm3
Ie
effective length
15.3
mm
Ae
effective area
1.97
mm2
m
mass of core
≈ 0.15
g
Fig.1 TC6/4/2 ring core.
Dimensions (uncoated) in mm.
handbook, halfpage
CBW193
4
±0.15
2
±0.1
(
≈12 µm)
6
±0.15
coating PARYLENE 'C'
Ring core data
GRADE
AL
(nH)
µi
TYPE NUMBER
4C65
20
± 25%
≈ 125
TC6/4/2-4C65
4A11
114
± 25%
≈ 700(1)
1.
Old permeability specification maintained.
TC6/4/2-4A11
3S4
275
± 25%
≈ 1700
TC6/4/2-3S4
3F3
325
± 25%
≈ 2000
TC6/4/2-3F3
3E25
890
± 30%
≈ 5500
TC6/4/2-3E25
3E5
1380
± 30%
≈ 8500
TC6/4/2-3E5
3E6
1620
± 30%
≈ 10000
TC6/4/2-3E6


Numéro de pièce similaire - TC2-3E4

FabricantNo de pièceFiches techniqueDescription
logo
Ferroxcube Internationa...
TC2-3E25 FERROXCUBE-TC2-3E25 Datasheet
44Kb / 3P
   Ferrite toroids
TC2-3E28 FERROXCUBE-TC2-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2-3E28 FERROXCUBE-TC2-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
More results

Description similaire - TC2-3E4

FabricantNo de pièceFiches techniqueDescription
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com