Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1T45GW Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74AUP1T45GW
Description  Low-power dual supply translating transceiver; 3-state
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T45GW Fiches technique(HTML) 4 Page - NXP Semiconductors

  74AUP1T45GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1T45GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
74AUP1T45_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 August 2009
4 of 33
NXP Semiconductors
74AUP1T45
Low-power dual supply translating transceiver; 3-state
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
The values of VCC(A) and VCC(B) are provided in the recommended operating conditions; see Table 6.
[3]
For SC-88 packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 packages: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
[1]
VCCO is the supply voltage associated with the output port.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage port A
−0.5
+4.6
V
VCC(B)
supply voltage port B
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
−50
-
mA
VO
output voltage
Active mode
A port
[1][2]
−0.5
VCC(A) + 0.5 V
B port
[1][2]
−0.5
VCC(B) + 0.5 V
suspend or 3-state mode
[1][2]
−0.5
+4.6
V
IO
output current
VO =0Vto VCC
-
±20
mA
ICC
supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[3] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage port A
1.1
3.6
V
VCC(B)
supply voltage port B
1.1
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
[1] 0VCCO
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCCI =1.1 V to 3.6 V
0
200
ns/V


Numéro de pièce similaire - 74AUP1T45GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1T45GW PHILIPS-74AUP1T45GW Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
logo
Nexperia B.V. All right...
74AUP1T45GW NEXPERIA-74AUP1T45GW Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
More results

Description similaire - 74AUP1T45GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T45 PHILIPS-74AUP1T45_15 Datasheet
284Kb / 36P
   Low-power dual supply translating transceiver; 3-state
Rev. 5-9 August 2012
logo
Nexperia B.V. All right...
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com