Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G885GD Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74AUP1G885GD
Description  Low-power dual function gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G885GD Fiches technique(HTML) 1 Page - NXP Semiconductors

  74AUP1G885GD Datasheet HTML 1Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 2Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 3Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 4Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 5Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 6Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 7Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 8Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74AUP1G885 provides two functions in one device. The output state of the outputs
(1Y, 2Y) is determined by the inputs (A, B and C). The output 1Y provides the Boolean
function: 1Y = A
× C. The output 2Y provides the Boolean function: 2Y = A × B + A × C.
Schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing a damaging backflow current through the device
when it is powered down.
2.
Features
I Wide supply voltage range from 0.8 V to 3.6 V
I High noise immunity
I Complies with JEDEC standards:
N JESD8-12 (0.8 V to 1.3 V)
N JESD8-11 (0.9 V to 1.65 V)
N JESD8-7 (1.2 V to 1.95 V)
N JESD8-5 (1.8 V to 2.7 V)
N JESD8-B (2.7 V to 3.6 V)
I ESD protection:
N HBM JESD22-A114E Class 3A exceeds 5000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Low static power consumption; ICC = 0.9 µA (maximum)
I Latch-up performance exceeds 100 mA per JESD78 Class II
I Inputs accept voltages up to 3.6 V
I Low noise overshoot and undershoot < 10 % of VCC
I IOFF circuitry provides partial Power-down mode operation
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
74AUP1G885
Low-power dual function gate
Rev. 05 — 26 June 2009
Product data sheet


Numéro de pièce similaire - 74AUP1G885GD

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G885GF NEXPERIA-74AUP1G885GF Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
74AUP1G885GN NEXPERIA-74AUP1G885GN Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
74AUP1G885GS NEXPERIA-74AUP1G885GS Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
logo
NXP Semiconductors
74AUP1G885GT PHILIPS-74AUP1G885GT Datasheet
71Kb / 19P
   Low-power dual function gate
Rev.01.00-26 January 2006
logo
Nexperia B.V. All right...
74AUP1G885GT NEXPERIA-74AUP1G885GT Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
More results

Description similaire - 74AUP1G885GD

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G885 NEXPERIA-74AUP1G885 Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
logo
NXP Semiconductors
74AUP1G885 PHILIPS-74AUP1G885 Datasheet
71Kb / 19P
   Low-power dual function gate
Rev.01.00-26 January 2006
logo
Nexperia B.V. All right...
74AUP2G57 NEXPERIA-74AUP2G57 Datasheet
871Kb / 21P
   Low-power dual PCB configurable multiple function gate
74AUP2G57-Q100 NEXPERIA-74AUP2G57-Q100 Datasheet
252Kb / 15P
   Low-power dual PCB configurable multiple function gate
Rev. 1 - 8 November 2021
74AUP2G97 NEXPERIA-74AUP2G97 Datasheet
259Kb / 16P
   Low-power dual PCB configurable multiple function gate
74AUP2G58 NEXPERIA-74AUP2G58 Datasheet
871Kb / 21P
   Low-power dual PCB configurable multiple function gate
74AUP2G98 NEXPERIA-74AUP2G98 Datasheet
871Kb / 21P
   Low-power dual PCB configurable multiple function gate
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com