Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1T45 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74AUP1T45
Description  Low-power dual supply translating transceiver; 3-state
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T45 Fiches technique(HTML) 1 Page - NXP Semiconductors

  74AUP1T45 Datasheet HTML 1Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 2Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 3Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 4Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 5Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 6Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 7Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 8Page - NXP Semiconductors 74AUP1T45 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1.
General description
The 74AUP1T45 is a single bit transceiver featuring two data input-outputs (A and B), a
direction control input (DIR) and dual supply pins (VCC(A) and VCC(B)) which enable
bidirectional level translation. Both VCC(A) and VCC(B) can be supplied at any voltage
between 1.1 V and 3.6 V making the device suitable for interfacing between any of the low
voltage nodes (1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V). Pins A and DIR are referenced to
VCC(A) and pin B is referenced to VCC(B). A HIGH on DIR allows transmission from A to B
and a LOW on DIR allows transmission from B to A.
Schmitt trigger action on all inputs makes the circuit tolerant of slower input rise and fall
times across the entire VCC(A) and VCC(B) ranges. The device ensures low static and
dynamic power consumption and is fully specified for partial power-down applications
using IOFF. The IOFF circuitry disables the output, preventing any damaging backflow
current through the device when it is powered down. In suspend mode when either VCC(A)
or VCC(B) are at GND, both A and B are in the high-impedance OFF-state.
2.
Features
I Wide supply voltage range:
N VCC(A): 1.1 V to 3.6 V
N VCC(B): 1.1 V to 3.6 V
I High noise immunity
I Complies with JEDEC standards:
N JESD8-7 (1.2 V to 1.95 V)
N JESD8-5 (1.8 V to 2.7 V)
N JESD8-B (2.7 V to 3.6 V)
I ESD protection:
N HBM JESD22-A114E Class 3A exceeds 5000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Low static power consumption; ICC = 0.9 µA (maximum)
I Suspend mode
I Latch-up performance exceeds 100 mA per JESD 78 Class II
I Inputs accept voltages up to 3.6 V
I Low noise overshoot and undershoot < 10 % of VCC
I IOFF circuitry provides partial Power-down mode operation
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
74AUP1T45
Low-power dual supply translating transceiver; 3-state
Rev. 02 — 3 August 2009
Product data sheet


Numéro de pièce similaire - 74AUP1T45

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
logo
Nexperia B.V. All right...
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T45GF PHILIPS-74AUP1T45GF Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T45GM PHILIPS-74AUP1T45GM Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
logo
Nexperia B.V. All right...
74AUP1T45GM NEXPERIA-74AUP1T45GM Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
More results

Description similaire - 74AUP1T45

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T45 PHILIPS-74AUP1T45_15 Datasheet
284Kb / 36P
   Low-power dual supply translating transceiver; 3-state
Rev. 5-9 August 2012
logo
Nexperia B.V. All right...
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com