Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G386GF Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74AUP1G386GF
Description  Low-power 3-input EXCLUSIVE-OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G386GF Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G386GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 12Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74AUP1G386_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2009
9 of 16
NXP Semiconductors
74AUP1G386
Low-power 3-input EXCLUSIVE-OR gate
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
All specified values are the average typical values over all stated loads.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
12. Waveforms
CL = 5 pF, 10 pF, 15 pF and 30 pF
CPD
power dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3][4]
VCC = 0.8 V
-
2.9
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
3.0
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
3.1
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
3.3
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
3.9
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
4.4
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
Input A, B and C to output Y propagation delay times
mnb147
tPHL
tPLH
tPLH
VM
VM
A, B, C
input
Y output
in phase
GND
VI
VOH
VOL
Y output
out of phase
VOH
VOL
tPHL
VM


Numéro de pièce similaire - 74AUP1G386GF

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G386GM NEXPERIA-74AUP1G386GM Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GN NEXPERIA-74AUP1G386GN Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GS NEXPERIA-74AUP1G386GS Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GW NEXPERIA-74AUP1G386GW Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results

Description similaire - 74AUP1G386GF

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
NXP Semiconductors
74LVC1G386 PHILIPS-74LVC1G386 Datasheet
74Kb / 15P
   3-input EXCLUSIVE-OR gate
2003 Nov 04
logo
Nexperia B.V. All right...
74LVC1G386 NEXPERIA-74LVC1G386 Datasheet
215Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
logo
NXP Semiconductors
74LVC1G386 NXP-74LVC1G386 Datasheet
71Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 02-3 September 2007
logo
Nexperia B.V. All right...
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
logo
ON Semiconductor
NC7SZ386 ONSEMI-NC7SZ386 Datasheet
309Kb / 8P
   UHS 3-Input Exclusive-OR Gate
Revised May 2014
logo
Nexperia B.V. All right...
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com