Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G373GW Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74AUP1G373GW
Description  Low-power D-type transparent latch; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G373GW Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G373GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
74AUP1G373_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 9 January 2008
8 of 22
NXP Semiconductors
74AUP1G373
Low-power D-type transparent latch; 3-state
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1] Max
Min
(85
°C)
Max
(85
°C)
Min
(125
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation
delay
D to Q; see Figure 7
[2]
VCC = 0.8 V
-
21.4
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.8
6.6
13.5
2.6
13.8
2.6
15.2
ns
VCC = 1.4 V to 1.6 V
2.4
4.6
7.8
2.1
8.3
2.1
9.1
ns
VCC = 1.65 V to 1.95 V
1.9
3.7
6.2
1.6
6.7
1.6
7.3
ns
VCC = 2.3 V to 2.7 V
1.8
2.9
4.1
1.5
4.5
1.5
4.9
ns
VCC = 3.0 V to 3.6 V
1.5
2.5
3.5
1.2
4.0
1.2
4.5
ns
LE to Q; see Figure 8
[2]
VCC = 0.8 V
-
20.3
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.7
6.2
13.6
2.5
14.0
2.5
15.4
ns
VCC = 1.4 V to 1.6 V
2.3
4.4
7.6
2.0
8.5
2.0
9.3
ns
VCC = 1.65 V to 1.95 V
1.8
3.5
5.8
1.5
6.7
1.5
7.3
ns
VCC = 2.3 V to 2.7 V
1.5
2.6
4.0
1.3
4.4
1.3
4.8
ns
VCC = 3.0 V to 3.6 V
1.3
2.2
3.3
1.1
3.8
1.1
4.2
ns
ten
enable time
OE to Q; see Figure 10
[3]
VCC = 0.8 V
-
17.9
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
5.1
9.2
3.0
9.2
3.0
10.1
ns
VCC = 1.4 V to 1.6 V
2.6
3.8
5.8
2.4
6.1
2.4
6.7
ns
VCC = 1.65 V to 1.95 V
2.2
3.3
4.8
2.0
5.0
2.0
5.5
ns
VCC = 2.3 V to 2.7 V
2.0
2.7
3.8
1.8
4.0
1.8
4.4
ns
VCC = 3.0 V to 3.6 V
1.9
2.5
3.4
1.8
3.6
1.8
4.0
ns
tdis
disable time OE to Q; see Figure 10
[4]
VCC = 0.8 V
-
9.4
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.9
4.2
7.5
2.8
7.9
2.8
8.7
ns
VCC = 1.4 V to 1.6 V
2.2
3.2
4.9
2.1
5.3
2.1
5.8
ns
VCC = 1.65 V to 1.95 V
2.2
3.0
4.4
2.1
4.9
2.1
5.4
ns
VCC = 2.3 V to 2.7 V
1.6
2.2
3.1
1.5
3.4
1.5
3.7
ns
VCC = 3.0 V to 3.6 V
1.9
2.6
3.3
1.8
3.6
1.8
4.0
ns


Numéro de pièce similaire - 74AUP1G373GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G373GW PHILIPS-74AUP1G373GW Datasheet
106Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 02-20 July 2007
logo
Nexperia B.V. All right...
74AUP1G373GW NEXPERIA-74AUP1G373GW Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
74AUP1G373GW-Q100 NEXPERIA-74AUP1G373GW-Q100 Datasheet
728Kb / 21P
   Low-power D-type transparent latch; 3-state
More results

Description similaire - 74AUP1G373GW

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
   Low-power D-type transparent latch; 3-state
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373 Datasheet
106Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 02-20 July 2007
logo
Nexperia B.V. All right...
74AUP1G373 NEXPERIA-74AUP1G373 Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373_15 Datasheet
231Kb / 25P
   Low-power D-type transparent latch; 3-state
Rev. 6-4 July 2012
logo
ON Semiconductor
NL17SG373 ONSEMI-NL17SG373 Datasheet
119Kb / 10P
   Low-Power D-Type Transparent Latch with 3-State Output
June, 2014 ??Rev. 1
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com