Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G332GM Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74AUP1G332GM
Description  Low-power 3-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G332GM Fiches technique(HTML) 3 Page - NXP Semiconductors

  74AUP1G332GM Datasheet HTML 1Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G332GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74AUP1G332_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 29 February 2008
3 of 16
NXP Semiconductors
74AUP1G332
Low-power 3-input OR gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
Fig 4.
Pin configuration SOT363
(SC-88)
Fig 5.
Pin configuration SOT886
(XSON6)
Fig 6.
Pin configuration SOT891
(XSON6)
74AUP1G332
AC
GND
BY
001aad930
1
2
3
6
VCC
5
4
74AUP1G332
GND
001aad931
A
B
VCC
C
Y
Transparent top view
2
3
1
5
4
6
74AUP1G332
GND
001aad932
A
B
VCC
C
Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
A
1
data input A
GND
2
ground (0 V)
B
3
data input B
Y
4
data output Y
VCC
5
supply voltage
C
6
data input C
Table 4.
Function table[1]
Input
Output
A
B
C
Y
H
XXH
XH
XH
XXH
H
LLLL


Numéro de pièce similaire - 74AUP1G332GM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G332GM PHILIPS-74AUP1G332GM Datasheet
67Kb / 18P
   Low-power 3-input OR gate
Rev.01.00-27 February2006
logo
Nexperia B.V. All right...
74AUP1G332GM NEXPERIA-74AUP1G332GM Datasheet
252Kb / 16P
   Low-power 3-input OR-gate
Rev. 7 - 20 January 2022
More results

Description similaire - 74AUP1G332GM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G332 PHILIPS-74AUP1G332 Datasheet
67Kb / 18P
   Low-power 3-input OR gate
Rev.01.00-27 February2006
logo
Nexperia B.V. All right...
74AUP1G332 NEXPERIA-74AUP1G332 Datasheet
252Kb / 16P
   Low-power 3-input OR-gate
Rev. 7 - 20 January 2022
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
NXP Semiconductors
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G0832 NXP-74AUP1G0832 Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
74AUP1G3208 NXP-74AUP1G3208 Datasheet
94Kb / 16P
   Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
74AUP1G3208GF NXP-74AUP1G3208GF Datasheet
264Kb / 19P
   Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
74AUP1G386 NXP-74AUP1G386 Datasheet
93Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 03-2 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com