Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G158 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74AUP1G158
Description  Low-power 2-input multiplexer; inverting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G158 Fiches technique(HTML) 2 Page - NXP Semiconductors

  74AUP1G158 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G158 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G158 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G158 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G158 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G158 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G158 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G158 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G158 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74AUP1G158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 July 2009
2 of 16
NXP Semiconductors
74AUP1G158
Low-power 2-input multiplexer; inverting
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G158GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AUP1G158GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP1G158GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code[1]
74AUP1G158GW
aU
74AUP1G158GM
aU
74AUP1G158GF
aU
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aae018
13
4
I1
I0
Y
6
S
001aae019
MUX
1
1
3
6
4
G1
1
Fig 3.
Functional diagram
001aae020
SELECTOR
1
3
I1
I0
6
S
4
MULTIPLEXER
OUTPUTS
Y


Numéro de pièce similaire - 74AUP1G158

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G158 NEXPERIA-74AUP1G158 Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
74AUP1G158GM NEXPERIA-74AUP1G158GM Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
74AUP1G158GN NEXPERIA-74AUP1G158GN Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
74AUP1G158GS NEXPERIA-74AUP1G158GS Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
74AUP1G158GW NEXPERIA-74AUP1G158GW Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
More results

Description similaire - 74AUP1G158

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G158 PHILIPS-74AUP1G158_15 Datasheet
203Kb / 19P
   Low-power 2-input multiplexer; inverting
Rev. 5-3 August 2012
logo
Nexperia B.V. All right...
74AUP1G158 NEXPERIA-74AUP1G158 Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
logo
ON Semiconductor
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158 Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
logo
Nexperia B.V. All right...
74HC158 NEXPERIA-74HC158 Datasheet
693Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
logo
ON Semiconductor
MC10158 ONSEMI-MC10158 Datasheet
107Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
1996 REV 5
logo
Fairchild Semiconductor
NC7SP158 FAIRCHILD-NC7SP158_04 Datasheet
175Kb / 9P
   TinyLogic ULP 2-Input Inverting Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com