Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G04GW Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74AUP1G04GW
Description  Low-power inverter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G04GW Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G04GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G04GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G04GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G04GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G04GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G04GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G04GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G04GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G04GW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74AUP1G04_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 5 November 2009
8 of 18
NXP Semiconductors
74AUP1G04
Low-power inverter
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
Tamb = 25 °C; CL = 5 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay A to Y
see Figure 7
VCC = 0.8 V
-
16.0
-
ns
VCC = 1.1 V to 1.3 V
2.4
5.0
10.3
ns
VCC = 1.4 V to 1.6 V
1.8
3.6
6.4
ns
VCC = 1.65 V to 1.95 V
1.5
2.9
5.0
ns
VCC = 2.3 V to 2.7 V
1.2
2.4
3.9
ns
VCC = 3.0 V to 3.6 V
1.1
2.1
3.2
ns
Tamb = 25 °C; CL = 10 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay A to Y
see Figure 7
VCC = 0.8 V
-
19.8
-
ns
VCC = 1.1 V to 1.3 V
2.8
5.9
12.2
ns
VCC = 1.4 V to 1.6 V
2.3
4.2
7.5
ns
VCC = 1.65 V to 1.95 V
2.0
3.5
5.9
ns
VCC = 2.3 V to 2.7 V
1.7
2.9
4.6
ns
VCC = 3.0 V to 3.6 V
1.6
2.7
3.8
ns
Tamb = 25 °C; CL = 15 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay A to Y
see Figure 7
VCC = 0.8 V
-
23.3
-
ns
VCC = 1.1 V to 1.3 V
3.2
6.7
13.0
ns
VCC = 1.4 V to 1.6 V
2.6
4.7
8.6
ns
VCC = 1.65 V to 1.95 V
2.3
4.0
6.7
ns
VCC = 2.3 V to 2.7 V
2.1
3.3
5.1
ns
VCC = 3.0 V to 3.6 V
2.0
3.1
4.2
ns
Tamb = 25 °C; CL = 30 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay A to Y
see Figure 7
VCC = 0.8 V
-
33.6
-
ns
VCC = 1.1 V to 1.3 V
4.4
8.9
16.0
ns
VCC = 1.4 V to 1.6 V
3.6
6.3
10.8
ns
VCC = 1.65 V to 1.95 V
3.2
5.3
9.0
ns
VCC = 2.3 V to 2.7 V
2.9
4.5
6.5
ns
VCC = 3.0 V to 3.6 V
2.9
4.2
5.4
ns


Numéro de pièce similaire - 74AUP1G04GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G04GW PHILIPS-74AUP1G04GW Datasheet
81Kb / 16P
   Low-power inverter
Rev. 02-28 June 2006
logo
Nexperia B.V. All right...
74AUP1G04GW NEXPERIA-74AUP1G04GW Datasheet
294Kb / 20P
   Low-power inverter
Rev. 11 - 13 January 2022
74AUP1G04GW-Q100 NEXPERIA-74AUP1G04GW-Q100 Datasheet
700Kb / 16P
   Low-power inverter
More results

Description similaire - 74AUP1G04GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G04 PHILIPS-74AUP1G04_15 Datasheet
421Kb / 22P
   Low-power inverter
Rev. 7-27 June 2012
logo
Nexperia B.V. All right...
74AUP1G04 NEXPERIA-74AUP1G04 Datasheet
294Kb / 20P
   Low-power inverter
Rev. 11 - 13 January 2022
logo
NXP Semiconductors
74AXP1G04 PHILIPS-74AXP1G04_15 Datasheet
189Kb / 17P
   Low-power inverter
Rev. 1-25 August 2014
74AUP1G04 PHILIPS-74AUP1G04 Datasheet
81Kb / 16P
   Low-power inverter
Rev. 02-28 June 2006
logo
Nexperia B.V. All right...
74AXP1G04 NEXPERIA-74AXP1G04 Datasheet
796Kb / 17P
   Low-power inverter
74AUP1G04-Q100 NEXPERIA-74AUP1G04-Q100 Datasheet
700Kb / 16P
   Low-power inverter
logo
NXP Semiconductors
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
   Low-power dual inverter
Rev. 02-7 July 2009
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
   Low-power dual inverter
Rev. 5-5 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com