Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC373PW Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74ALVC373PW
Description  Octal D-type transparent latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC373PW Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVC373PW Datasheet HTML 4Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 5Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 9Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 10Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 11Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74ALVC373_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 18 October 2007
8 of 17
NXP Semiconductors
74ALVC373
Octal D-type transparent latch; 3-state
[1]
Typical values are measured at Tamb =25 °C
[2]
tpd is the same as tPHL and tPLH.
ten is the same as tPZH and tPZL.
tdis is the same as tPHZ and tPLZ.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(C
L × VCC
2
× f
o) = sum of the outputs
tW
pulse width
LE pulse width HIGH; see Figure 9
VCC = 1.65 V to 1.95 V
3.8
1.0
-
ns
VCC = 2.3 V to 2.7 V
3.3
0.8
-
ns
VCC = 2.7 V
3.3
2.0
-
ns
VCC = 3.0 V to 3.6 V
3.3
2.2
-
ns
tsu
set-up time
Dn to LE; see Figure 11
VCC = 1.65 V to 1.95 V
0.8
0.1
-
ns
VCC = 2.3 V to 2.7 V
0.8
0.1
-
ns
VCC = 2.7 V
0.8
0.1
-
ns
VCC = 3.0 V to 3.6 V
0.8
0.1
-
ns
th
hold time
Dn to LE; see Figure 11
VCC = 1.65 V to 1.95 V
0.8
−0.1
-
ns
VCC = 2.3 V to 2.7 V
0.8
−0.2
-
ns
VCC = 2.7 V
0.8
−0.3
-
ns
VCC = 3.0 V to 3.6 V
0.7
−0.1
-
ns
CPD
power dissipation
capacitance
per latch; VI = GND to VCC; VCC = 3.3 V
[3]
outputs HIGH or LOW state
-
35
-
pF
outputs 3-state
-
14
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 12.
Symbol
Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max


Numéro de pièce similaire - 74ALVC373PW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC373PW PHILIPS-74ALVC373PW Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
logo
Nexperia B.V. All right...
74ALVC373PW NEXPERIA-74ALVC373PW Datasheet
267Kb / 15P
   Octal D-type transparent latch; 3-state
Rev. 3 - 30 April 2021
More results

Description similaire - 74ALVC373PW

FabricantNo de pièceFiches techniqueDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com