Moteur de recherche de fiches techniques de composants électroniques |
|
TA35-CBT4F040C0 Fiches technique(PDF) 1 Page - Schurter Inc. |
|
TA35-CBT4F040C0 Fiches technique(HTML) 1 Page - Schurter Inc. |
1 / 5 page Power entry modules without line filter 635 www.schurter.com/pg05 Connectors IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole C14 70° C Description -PanelMount: Snap-inversionfromfrontside -2Functions: ApplianceInlet,ProtectionclassI,CircuitbreakertypeTA35,2-pole -Quickconnectterminal6.3x0.8mm -Alternative:versionfor16A(20A)6136 -Substitutefortype7764 Approvals -VDELicenseNumber:40023066 -ULLicenseNumber:E96454 Characteristics -Unwired -Switchnon-illuminatedorilluminated Thermaloverloadprotection -QualifiedforuseinequipmentaccordingIEC/EN60950 Other versions on request -Pre-wiredversion -Quick-connectterminals4.8x0.8mm -ProtectionclassII,70°C References GeneralProductInformation Weblinks Approvals,RoHS,CHINA-RoHS,MatingConnectors,Distributor-Stock- Check,Accessories Technical Data RatingsIEC 10A/250VAC;50Hz RatingsUL/CSA 15A/250VAC;60Hz DielectricStrength >2.5kVACbetweenL-N >3kVACbetweenL/N-PE (1min/50Hz) AllowableOperationTemp. -25°Cto60°C DegreeofProtection fromfrontsideIP40acc.toIEC60529 ProtectionClass Suitableforapplianceswithprotection class1acc.toIEC61140 Terminal Quickconnectterminals6.3x0.8mm PanelThicknesss Snap-in1.5/2/2.5/3mm Material:Housing Thermoplastic,black,UL94V-0 ApplianceInlet C14acc.toIEC/EN60320-1 UL498,CSAC22.2no.42(forcold conditions)pin-temperature70°C,10A, ProtectionClass1 CircuitBreakers Acc.IEC/EN60934,UL1077,CSA 22.2no.235 2-polerockerswitch,illuminatedornon- illuminated. ConditionalshortcircuitInc: 2000A |
Numéro de pièce similaire - TA35-CBT4F040C0 |
|
Description similaire - TA35-CBT4F040C0 |