Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BA-1.5W-K Datasheet(Fiches technique) 2 Page - Fujitsu Component Limited.

Numéro de pièce BA-1.5W-K
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

BA-1.5W-K Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  BA-1.5W-K Datenblatt HTML 1Page - Fujitsu Component Limited. BA-1.5W-K Datasheet HTML 2Page - Fujitsu Component Limited. BA-1.5W-K Datenblatt HTML 3Page - Fujitsu Component Limited. BA-1.5W-K Datenblatt HTML 4Page - Fujitsu Component Limited. BA-1.5W-K Datenblatt HTML 5Page - Fujitsu Component Limited. BA-1.5W-K Datenblatt HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
BA SERIES
Standard
Single Winding
Double Winding
Latching Type
Latching
Item
BA-( ) W-K
BAL-( ) W-K
BAL-D ( ) W-K
Contact
Arrangement
2 form C (DPDT)
Material
Gold overlay silver alloy
Style
Bifurcated
Resistance (initial) (at 1 A 6 VDC)
Maximum 50 m
?
Rating (resistive)
0.5 A 125 VAC or 1 A 30 VDC
Maximum Carrying Current
2 A
Maximum Switching Power
62.5 AV, 30 W
Maximum Switching Voltage
250 VAC, 220 VDC
Maximum Switching Current
2 A
Minimum Switching Load*1
0.01 mA 10 mVDC
Capacitance
Approximately 0.5 pF (between open contacts, adjacent contacts)
Approximately 1.0 pF (between coil and contacts)
Coil
Nominal Power (at 20
C)
0.25 to 0.36 W
0.2 W
0.36 W
Operate Power (at 20
C)
0.14 to 0.2 W
0.15 W
0.205 W
Operating Temperature
?40
C to +70C (no frost) (refer to the CHARACTERISTIC DATA)
Time Value
Operate (at nominal voltage)
Maximum 6 ms
Maximum 6 ms (set)
Release (at nominal voltage)
Maximum 4 ms
Maximum 6 ms (reset)
Insulation
Resistance (at 500 VDC)
Minimum 1,000 M
?
between open contacts
1,000 VAC 1 minute
Dielectric
between adjacent contacts
Strength
between coil and contacts
2,000 VAC 1 minute
1,000 VAC 1 minute
Surge Strength
3,000 V (at 2
10 s)
1,500 V (at 10
160 s)
Life
Mechanical
1
107 operations minimum
Electrical
2
105 operations minimum (0.5 A 125 VAC)
5
105 operations minimum (1 A 30 VDC)
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 3.3 mm)
Resistance Endurance
10 to 55 Hz (double amplitude of 5.0 mm)
Shock
Misoperation
500 m/s2 (11
1 ms)
Resistance Endurance
1,000 m/s2 ( 6
1 ms)
Weight
Approximately 1.9 g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
load before production since reference values may vary according to switching frequencies, environmental conditions
and expected reliability levels.
s SPECIFICATIONS


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn