Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2PD601AQW Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 2PD601AQW
Description  NPN general purpose transistors; 50 V, 100 mA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD601AQW Fiches technique(HTML) 8 Page - NXP Semiconductors

  2PD601AQW Datasheet HTML 1Page - NXP Semiconductors 2PD601AQW Datasheet HTML 2Page - NXP Semiconductors 2PD601AQW Datasheet HTML 3Page - NXP Semiconductors 2PD601AQW Datasheet HTML 4Page - NXP Semiconductors 2PD601AQW Datasheet HTML 5Page - NXP Semiconductors 2PD601AQW Datasheet HTML 6Page - NXP Semiconductors 2PD601AQW Datasheet HTML 7Page - NXP Semiconductors 2PD601AQW Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NXP Semiconductors
Contact information
For additional information please visit: http://www.nxp.com
For sales offices addresses send e-mail to: salesaddresses@nxp.com
© NXP B.V. 2009
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed
without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license
under patent- or other industrial or intellectual property rights.
Customer notification
This data sheet was changed to reflect the new company name NXP Semiconductors, including new legal
definitions and disclaimers. No changes were made to the technical content, except for package outline
drawings which were updated to the latest version.
Printed in The Netherlands
R75/06/pp8
Date of release: 2004 Feb 12
Document order number: 9397 750 12172


Numéro de pièce similaire - 2PD601AQW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
2PD601AQW PHILIPS-2PD601AQW Datasheet
48Kb / 8P
   NPN general purpose transistor
2002 Jun 26
logo
Guangdong Kexin Industr...
2PD601AQW KEXIN-2PD601AQW Datasheet
50Kb / 2P
   NPN General Purpose Transistor
More results

Description similaire - 2PD601AQW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
2PD601ASL NXP-2PD601ASL Datasheet
56Kb / 9P
   50 V, 100 mA NPN general-purpose transistors
Rev. 01-6 November 2008
logo
Nexperia B.V. All right...
2PC4617XMB_SER NEXPERIA-2PC4617XMB_SER Datasheet
1Mb / 10P
   50 V, 100 mA NPN general-purpose transistors
Rev. 1 - 26 March 2012
2PC4617XMB NEXPERIA-2PC4617XMB Datasheet
1Mb / 10P
   50 V, 100 mA NPN general-purpose transistors
2PD601AXL NEXPERIA-2PD601AXL Datasheet
614Kb / 9P
   50 V, 100 mA NPN general-purpose transistors
Rev. 01 - 6 November 2008
NXP3875Y NEXPERIA-NXP3875Y Datasheet
1Mb / 15P
   50 V, 150 mA NPN general-purpose transistors
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
2PD602ASL-Q NEXPERIA-2PD602ASL-Q Datasheet
182Kb / 8P
   50 V, 500 mA NPN general-purpose transistors
12 January 2022
logo
NXP Semiconductors
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
2PD602ASL NXP-2PD602ASL Datasheet
57Kb / 9P
   50 V, 500 mA NPN general-purpose transistors
Rev. 01-27 October 2008
logo
Nexperia B.V. All right...
2PD602AXL NEXPERIA-2PD602AXL Datasheet
614Kb / 9P
   50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com