Moteur de recherche de fiches techniques de composants électroniques |
|
TSF401D65-S4 Fiches technique(PDF) 4 Page - Token Electronics Industry Co., Ltd. |
|
TSF401D65-S4 Fiches technique(HTML) 4 Page - Token Electronics Industry Co., Ltd. |
4 / 14 page 04 of 14 Version 2010 SAW for Digital Satellite Broadcasting SAW Filters for Digital Satellite Broadcasting (DSB Receiver) - Television and radio broadcasting is being progressively digitized worldwide. The benefits are obvious: superior sound and picture quality, and many more channels to choose from. Token offers matching SAW filters for all digital broadcasting systems. Part Number Center Freq. (MHz) IL (dB) 3dB BW (MHz) Application Package SMD Type DIP Type TSF480D00A-D5 480 21 18 One-channel, Satellite Filters TO39-2 TSF480D00B-S4 480 21 18 One-channel, Satellite Filters QCC8C TSF480D00C-D5 480 22.5 27 One-channel, Satellite Filters TO39-2 TSF480D00D-S4 480 22.5 27 One-channel, Satellite Filters QCC8C TSF480D00E-D5 480 20 27 One-channel, Satellite Filters TO39-2 TSF480D00F-D5 480 21 36 One-channel, Satellite Filters TO39-2 TSF480D00G-S4 480 21 36 One-channel, Satellite Filters QCC8C TSF480D00H-D1 480 15 16 One-channel, Satellite Filters TO-39 TSF480D00I-S4 480 12.5 15.3 One-channel, Satellite Filters QCC8C TSF480D00J-D5 480 22 38.6 One-channel, Satellite Filters TO39-2 TSF479D50A-D5 479.5 21.5 8 One-channel, Satellite Filters TO39-2 TSF479D50B-S4 479.5 21.5 8 One-channel, Satellite Filters QCC8C TSF479D50C-D5 479.5 18 6.5 One-channel, Satellite Filters TO39-2 TSF479D50D-D2 479.5 22 16 (5.5 dB) One-channel, Satellite Filters F-11 TSF479D50E-S4 479.5 22 16 (5.5 dB) One-channel, Satellite Filters QCC8C TSF402D78B-S4 402.78 20.5 / 20.0 15.5 / 28.0 Two-channel, Satellite Filters QCC8C SAW for Automotive Electronics & Remote Control Typical Specification http://www.token.com.tw/ rfq token.com.tw TOKEN |
Numéro de pièce similaire - TSF401D65-S4 |
|
Description similaire - TSF401D65-S4 |