Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPU43-181K Fiches technique(PDF) 4 Page - Token Electronics Industry Co., Ltd.

No de pièce TPU43-181K
Description  TPUA SMT Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU43-181K Fiches technique(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TPU43-181K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPU43-181K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPU43-181K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPU43-181K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPU43-181K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPU43-181K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPU43-181K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPU43-181K Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPU43-181K Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
04 of 16
TPU31 SMT Power Inductors
Version 2010
(TPU31) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPU31 - 1R0M
1.00
100
0.05
1.60
TPU31 - 1R5M
1.50
100
0.10
1.55
TPU31 - 2R2M
2.20
100
0.08
1.47
TPU31 - 3R3M
3.30
100
0.13
1.34
TPU31 - 3R9M
3.90
100
0.14
1.24
TPU31 - 4R7M
4.70
100
0.16
1.22
TPU31 - 5R6M
5.60
100
0.19
1.09
TPU31 - 6R8M
6.80
100
0.21
0.96
TPU31 - 8R2M
8.20
100
0.24
0.84
TPU31 - 100K
10.00
100
0.31
0.70
TPU31 - 120K
12.00
100
0.37
0.65
TPU31 - 150K
15.00
100
0.47
0.59
TPU31 - 180K
18.00
100
0.52
0.54
TPU31 - 220K
22.00
100
0.66
0.48
TPU31 - 270K
27.00
100
0.77
0.43
TPU31 - 330K
33.00
100
1.02
0.37
TPU31 - 390K
39.00
100
1.12
0.32
TPU31 - 470K
47.00
100
1.51
0.26
TPU31 - 560K
56.00
100
1.68
0.24
TPU31 - 680K
68.00
100
1.92
0.23
TPU31 - 820K
82.00
100
2.64
0.21
TPU31 - 101K
100.00
1
2.87
0.19
TPU31 - 121K
120.00
1
4.08
0.17
TPU31 - 151K
150.00
1
4.77
0.16
TPU31 - 181K
180.00
1
5.70
0.14
TPU31 - 221K
220.00
1
9.00
0.12
Note: Test Freq. L: 1.0-82uH at 100KHz / 0.25V. Above in the 100uH at 1KHz / 0.3V.
Operating Temp.: -40°C ~ +85°C.
Inductane Drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Numéro de pièce similaire - TPU43-181K

FabricantNo de pièceFiches techniqueDescription
logo
Token Electronics Indus...
TPU1608DF TOKEN-TPU1608DF Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU1608DF-100M TOKEN-TPU1608DF-100M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU1608DF-101M TOKEN-TPU1608DF-101M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU1608DF-102M TOKEN-TPU1608DF-102M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU1608DF-150M TOKEN-TPU1608DF-150M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
More results

Description similaire - TPU43-181K

FabricantNo de pièceFiches techniqueDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com