Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC3283 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC3283
Description  Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC3283 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button DAC3283 Datasheet HTML 3Page - Texas Instruments DAC3283 Datasheet HTML 4Page - Texas Instruments DAC3283 Datasheet HTML 5Page - Texas Instruments DAC3283 Datasheet HTML 6Page - Texas Instruments DAC3283 Datasheet HTML 7Page - Texas Instruments DAC3283 Datasheet HTML 8Page - Texas Instruments DAC3283 Datasheet HTML 9Page - Texas Instruments DAC3283 Datasheet HTML 10Page - Texas Instruments DAC3283 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
DAC3283
www.ti.com
SLAS693A – MARCH 2010 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS — AC SPECIFICATIONS
Over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT(1)
1x Interpolation
312.5
fDAC
Maximum DAC output update rate
2x Interpolation
625
MSPS
4x Interpolation
800
ts(DAC)
Output settling time to 0.1%
Transition: Code 0x0000 to 0xFFFF
10.4
ns
tpd
Output propagation delay
DAC outputs are updated on the falling edge of DAC
2
ns
clock. Does not include digital latency (see below).
tr(IOUT)
Output rise time 10% to 90%
220
ps
tf(IOUT)
Output fall time 90% to 10%
220
ps
IOUT current settling to 1% of IOUTFS. Measured
DAC wake-up time
from SDENB rising edge; Register CONFIG24,
90
toggle sleepa from 1 to 0.
Power-up
µs
time
IOUT current settling to less than 1% of IOUTFS.
DAC sleep time
Measured from SDENB rising edge; Register
90
CONFIG24, toggle sleepa from 0 to 1.
1x Interpolation
59
DAC
2x Interpolation
139
Digital latency
clock
4x Interpolation
290
cycles
QMC
24
AC PERFORMANCE(2)
fDAC = 800 MSPS, fOUT = 20.1 MHz
85
Spurious free dynamic range (0 to
SFDR
fDAC = 800 MSPS, fOUT = 50.1 MHz
76
dBc
fDAC/2)Tone at 0 dBFS
fDAC = 800 MSPS, fOUT = 70.1 MHz
72
fDAC = 800 MSPS, fOUT = 30 ± 0.5 MHz
93
Third-order two-tone
intermodulation distortion
IMD3
fDAC = 800 MSPS, fOUT = 50 ± 0.5 MHz
90
dBc
Each tone at –12 dBFS
fDAC = 800 MSPS, fOUT = 100 ± 0.5 MHz
86
fDAC = 800 MSPS, fOUT = 10.1 MHz
162
Noise spectral density tone at
NSD
dBc/Hz
0dBFS
fDAC = 800 MSPS, fOUT = 80.1 MHz
160
fDAC = 737.28 MSPS, fOUT = 30.72MHz
85
Adjacent channel leakage ratio,
dBc
single carrier
fDAC = 737.28 MSPS, fOUT = 153.6MHz
81
WCDMA(3)
fDAC = 737.28 MSPS, fOUT = 30.72MHz
91
Alternate channel leakage ratio,
dBc
single carrier
fDAC = 737.28 MSPS, fOUT = 153.6MHz
85
Channel isolation
fDAC = 800 MSPS, fOUT = 10MHz
84
dBc
(1)
Measured single-ended into 50
Ω load.
(2)
4:1 transformer output termination, 50
Ω doubly terminated load
(3)
Single carrier, W-CDMA with 3.84 MHz BW, 5-MHz spacing, centered at fOUT, PAR = 12dB. TESTMODEL 1, 10 ms
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC3283


Numéro de pièce similaire - DAC3283

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC3283 TI-DAC3283 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
DAC3283 TI1-DAC3283 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
More results

Description similaire - DAC3283

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com