Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPSH0303-330M Fiches technique(PDF) 9 Page - Token Electronics Industry Co., Ltd.

No de pièce TPSH0303-330M
Description  TPSH SMT Low Profile Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSH0303-330M Fiches technique(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button TPSH0303-330M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSH0303-330M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSH0303-330M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSH0303-330M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSH0303-330M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TPSH0303-330M Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TPSH0303-330M Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TPSH0303-330M Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. TPSH0303-330M Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
09 of 14
TPSH0601 Low Profile Power Inductors
Version 2010
(TPSH0601) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A) (max)
TPSH0601 - 1R0N
1.0
100
0.046
2.04
TPSH0601 - 1R5N
1.5
100
0.052
1.46
TPSH0601 - 2R0N
2.0
100
0.060
1.22
TPSH0601 - 2R2N
2.2
100
0.060
1.22
TPSH0601 - 2R7N
2.7
100
0.070
1.12
TPSH0601 - 3R3N
3.3
100
0.090
0.94
TPSH0601 - 3R9N
3.9
100
0.100
0.86
TPSH0601 - 4R7N
4.7
100
0.120
0.84
TPSH0601 - 5R6N
5.6
100
0.140
0.74
TPSH0601 - 6R8N
6.8
100
0.160
0.68
TPSH0601 - 8R2N
8.2
100
0.190
0.62
TPSH0601 - 100M
10
100
0.210
0.58
TPSH0601 - 120M
12
100
0.270
0.52
TPSH0601 - 150M
15
100
0.330
0.48
TPSH0601 - 180M
18
100
0.440
0.42
TPSH0601 - 220M
22
100
0.460
0.40
TPSH0601 - 270M
27
100
0.560
0.34
TPSH0601 - 330M
33
100
0.630
0.32
TPSH0601 - 390M
39
100
0.780
0.30
TPSH0601 - 470M
47
100
0.900
0.28
TPSH0601 - 560M
56
100
1.080
0.24
TPSH0601 - 680M
68
100
1.340
0.22
TPSH0601 - 820M
82
100
1.540
0.20
TPSH0601 - 101M
100
1
1.960
0.18
TPSH0601 - 121M
120
1
2.300
0.16
TPSH0601 - 151M
150
1
2.700
0.14
TPSH0601 - 181M
180
1
3.470
0.13
TPSH0601 - 221M
220
1
4.500
0.12
TPSH0601 - 271M
270
1
4.620
0.10
TPSH0601 - 331M
330
1
6.350
0.09
TPSH0601 - 391M
390
1
7.520
0.09
TPSH0601 - 471M
470
1
8.640
0.084
TPSH0601 - 561M
560
1
11.02
0.074
Note: 1.0 ~ 82µH Test Freq.: 100KHz/0.25V; 100 ~ 560µH Test Freq.: 1KHz / 0.3V.
IDC: The current when the inductance becomes 35% lower than its nominal value.(ta=20°C).
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Numéro de pièce similaire - TPSH0303-330M

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
AVX Corporation
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Transko Electronics, In...
TPS TRANSKO-TPS Datasheet
411Kb / 1P
   FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
More results

Description similaire - TPSH0303-330M

FabricantNo de pièceFiches techniqueDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com