Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPU32-2R2M Fiches technique(PDF) 5 Page - Token Electronics Industry Co., Ltd.

No de pièce TPU32-2R2M
Description  TPUA SMT Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU32-2R2M Fiches technique(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TPU32-2R2M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPU32-2R2M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPU32-2R2M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPU32-2R2M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPU32-2R2M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPU32-2R2M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPU32-2R2M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPU32-2R2M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPU32-2R2M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
05 of 16
TPU32 SMT Power Inductors
Version 2010
(TPU32) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPU32 - 1R0M
1.00
100
0.045
2.20
TPU32 - 1R2M
1.20
100
0.050
2.10
TPU32 - 1R5M
1.50
100
0.055
1.70
TPU32 - 1R8M
1.80
100
0.070
1.65
TPU32 - 2R2M
2.20
100
0.085
1.60
TPU32 - 2R7M
2.70
100
0.100
1.40
TPU32 - 3R3M
3.30
100
0.120
1.05
TPU32 - 3R9M
3.90
100
0.125
1.00
TPU32 - 4R7M
4.70
100
0.135
1.00
TPU32 - 5R6M
5.60
100
0.145
0.95
TPU32 - 6R8M
6.80
100
0.200
0.95
TPU32 - 8R2M
8.20
100
0.250
0.92
TPU32 - 100K
10.00
100
0.320
0.90
TPU32 - 120K
12.00
100
0.350
0.85
TPU32 - 150K
15.00
100
0.460
0.75
TPU32 - 180K
18.00
100
0.520
0.70
TPU32 - 220K
22.00
100
0.650
0.60
TPU32 - 270K
27.00
100
0.750
0.55
TPU32 - 330K
33.00
100
0.920
0.50
TPU32 - 390K
39.00
100
1.000
0.48
TPU32 - 470K
47.00
100
1.150
0.45
TPU32 - 560K
56.00
100
1.500
0.30
TPU32 - 680K
68.00
100
2.000
0.26
TPU32 - 820K
82.00
100
2.150
0.23
TPU32 - 101K
100.00
100
2.500
0.20
TPU32 - 121K
120.00
100
3.400
0.18
TPU32 - 151K
150.00
100
4.200
0.16
TPU32 - 181K
180.00
100
4.500
0.15
TPU32 - 221K
220.00
100
5.100
0.14
TPU32 - 271K
270.00
100
8.500
0.10
TPU32 - 331K
330.00
100
9.500
0.09
Note: Test Freq. at 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C.
Inductane Drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Numéro de pièce similaire - TPU32-2R2M

FabricantNo de pièceFiches techniqueDescription
logo
Micronas
TPU3035 MICRONAS-TPU3035 Datasheet
1Mb / 73P
   Teletext Processors
TPU3040 MICRONAS-TPU3040 Datasheet
1Mb / 73P
   Teletext Processors
TPU3041 MICRONAS-TPU3041 Datasheet
378Kb / 21P
   Cyrillic/Greek Teletext Processor
logo
Token Electronics Indus...
TPU3308DF TOKEN-TPU3308DF Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU3308DF-100M TOKEN-TPU3308DF-100M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
More results

Description similaire - TPU32-2R2M

FabricantNo de pièceFiches techniqueDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com