Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPULF7045-271M Fiches technique(PDF) 3 Page - Token Electronics Industry Co., Ltd.

No de pièce TPULF7045-271M
Description  TPULF7032/7045 Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPULF7045-271M Fiches technique(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TPULF7045-271M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPULF7045-271M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPULF7045-271M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPULF7045-271M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
03 of 04
TPULF7032/7045 Power Inductors
(TPULF7045) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPULF7045 - 1R0M
1.00
1
0.023
2.880
TPULF7045 - 1R5M
1.50
1
0.028
2.560
TPULF7045 - 2R2M
2.20
1
0.032
2.360
TPULF7045 - 2R7M
2.70
1
0.035
2.360
TPULF7045 - 3R3M
3.30
1
0.038
2.160
TPULF7045 - 3R9M
3.90
1
0.042
2.160
TPULF7045 - 4R7M
4.70
1
0.049
1.880
TPULF7045 - 5R6M
5.60
1
0.055
1.880
TPULF7045 - 6R8M
6.80
1
0.060
1.680
TPULF7045 - 8R2M
8.20
1
0.067
1.680
TPULF7045 - 100M
10.00
1
0.070
1.560
TPULF7045 - 120M
12.00
1
0.080
1.440
TPULF7045 - 150M
15.00
1
0.090
1.360
TPULF7045 - 180M
18.00
1
0.100
1.280
TPULF7045 - 220M
22.00
1
0.120
1.170
TPULF7045 - 270M
27.00
1
0.140
1.070
TPULF7045 - 330M
33.00
1
0.160
1.000
TPULF7045 - 390M
39.00
1
0.190
0.910
TPULF7045 - 470M
47.00
1
0.220
0.840
TPULF7045 - 560M
56.00
1
0.290
0.720
TPULF7045 - 680M
68.00
1
0.340
0.660
TPULF7045 - 820M
82.00
1
0.460
0.580
TPULF7045 - 101M
100.00
1
0.550
0.510
TPULF7045 - 121M
120.00
1
0.670
0.420
TPULF7045 - 151M
150.00
1
0.900
0.370
TPULF7045 - 181M
180.00
1
1.050
0.350
TPULF7045 - 221M
220.00
1
1.350
0.290
TPULF7045 - 271M
270.00
1
1.550
0.280
TPULF7045 - 331M
330.00
1
2.050
0.230
TPULF7045 - 391M
390.00
1
2.300
0.215
TPULF7045 - 471M
470.00
1
2.600
0.195
TPULF7045 - 561M
560.00
1
2.900
0.185
TPULF7045 - 681M
680.00
1
3.400
0.170
TPULF7045 - 821M
820.00
1
4.200
0.165
TPULF7045 - 102M
1000.00
1
5.390
0.150
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Numéro de pièce similaire - TPULF7045-271M

FabricantNo de pièceFiches techniqueDescription
logo
Token Electronics Indus...
TPU104 TOKEN-TPU104 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU105 TOKEN-TPU105 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU106 TOKEN-TPU106 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU1608DF TOKEN-TPU1608DF Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU1608DF-100M TOKEN-TPU1608DF-100M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
More results

Description similaire - TPULF7045-271M

FabricantNo de pièceFiches techniqueDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com