Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPUTX-4P-0.68 Fiches technique(PDF) 3 Page - Token Electronics Industry Co., Ltd.

No de pièce TPUTX-4P-0.68
Description  TPUTX Chip Toroidal Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPUTX-4P-0.68 Fiches technique(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TPUTX-4P-0.68 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPUTX-4P-0.68 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPUTX-4P-0.68 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPUTX-4P-0.68 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
03 of 04
Version 2010
(TPUTX-2S) Electrical Characteristics
Part Number
L (µH)±20%
L @ IDC(µH) (min)
DCR (Ω)(max)
IDC (A)(max)
TPUTX-2S-2
2.18
1.69
0.024
2.95
TPUTX-2S-3
3.40
2.55
0.029
2.70
TPUTX-2S-5
4.90
3.57
0.034
2.50
TPUTX-2S-9
8.70
6.26
0.056
1.95
TPUTX-2S-20
19.58
14.26
0.128
1.25
TPUTX-2S-30
30.60
21.23
0.159
1.15
TPUTX-2S-40
39.30
26.92
0.179
1.05
TPUTX-2S-60
59.98
42.02
0.339
0.80
TPUTX-2S-80
78.34
53.48
0.387
0.75
TPUTX-2S-100
99.14
66.38
0.436
0.70
TPUTX-2S-130
130.70
85.17
0.503
0.65
TPUTX-2S-200
196.38
141.24
1.221
0.41
TPUTX-2S-280
275.40
191.71
1.447
0.38
TPUTX-2S-400
396.58
278.22
2.162
0.31
TPUTX-2S-600
592.42
400.27
2.661
0.28
TPUTX-2S-800
806.34
553.97
3.804
0.23
TPUTX-2S-1200
1201.70
790.08
4.703
0.21
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C.
(TPUTX-4P) Electrical Characteristics
Part Number
L (µH)±20%
L @ IDC(µH) (min)
DCR (Ω)(max)
IDC (A)(max)
TPUTX-4P-0.47
0.49
0.37
0.005
7.90
TPUTX-4P-0.68
0.76
0.56
0.006
7.20
TPUTX-4P-1
1.10
0.81
0.009
5.90
TPUTX-4P-2
1.95
1.42
0.014
4.60
TPUTX-4P-5
5.15
3.56
0.027
3.30
TPUTX-4P-8
7.81
5.15
0.033
3.00
TPUTX-4P-10
9.88
6.70
0.047
2.50
TPUTX-4P-15
14.76
9.52
0.057
2.30
TPUTX-4P-20
20.62
13.44
0.085
1.90
TPUTX-4P-25
25.65
17.17
0.116
1.60
TPUTX-4P-33
33.21
22.93
0.166
1.30
TPUTX-4P-50
48.80
32.21
0.202
1.20
TPUTX-4P-68
67.37
43.04
0.238
1.10
TPUTX-4P-100
99.09
69.54
0.565
0.72
TPUTX-4P-150
149.45
101.46
0.696
0.64
TPUTX-4P-200
200.11
131.37
0.810
0.60
TPUTX-4P-300
298.93
188.03
1.003
0.54
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C.
TPUTX Chip Toroidal Power Inductors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Numéro de pièce similaire - TPUTX-4P-0.68

FabricantNo de pièceFiches techniqueDescription
logo
Laird Tech Smart Techno...
TPUTTY-508 LSTD-TPUTTY-508 Datasheet
308Kb / 1P
   Demonstrated thermal cycling stability
More results

Description similaire - TPUTX-4P-0.68

FabricantNo de pièceFiches techniqueDescription
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
   Toroidal Power Inductors
logo
Cooper Bussmann, Inc.
CTX100-5-52-R COOPER-CTX100-5-52-R Datasheet
238Kb / 4P
   LOWCOST POWER INDUCTORS Toroidal Inductors
logo
Premier Magnetics, Inc.
VTK-01001 PMI-VTK-01001 Datasheet
169Kb / 4P
   SENDUST TOROIDAL POWER INDUCTORS
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
   TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
logo
Murata Manufacturing Co...
83683C MURATA-83683C Datasheet
167Kb / 2P
   Toroidal Surface Mount Power Inductors
logo
Token Electronics Indus...
TC19 TOKEN-TC19 Datasheet
325Kb / 2P
   TC19 Power Gap Toroidal Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com