Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPSH0302-1R5N Fiches technique(PDF) 5 Page - Token Electronics Industry Co., Ltd.

No de pièce TPSH0302-1R5N
Description  TPSH SMT Low Profile Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSH0302-1R5N Fiches technique(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TPSH0302-1R5N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSH0302-1R5N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSH0302-1R5N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSH0302-1R5N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSH0302-1R5N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSH0302-1R5N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSH0302-1R5N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSH0302-1R5N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSH0302-1R5N Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
05 of 14
TPSH0303 Low Profile Power Inductors
Version 2010
(TPSH0303) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A) (max)
TPSH0303 - 1R0N
1.0
100
0.009
1.90
TPSH0303 - 1R2N
1.2
100
0.010
1.75
TPSH0303 - 1R5N
1.5
100
0.013
1.45
TPSH0303 - 2R2N
2.2
100
0.017
1.15
TPSH0303 - 2R7N
2.7
100
0.020
1.00
TPSH0303 - 3R3N
3.3
100
0.024
0.96
TPSH0303 - 3R9N
3.9
100
0.033
0.87
TPSH0303 - 4R7N
4.7
100
0.039
0.78
TPSH0303 - 5R6N
5.6
100
0.044
0.74
TPSH0303 - 6R8N
6.8
100
0.051
0.68
TPSH0303 - 8R2N
8.2
100
0.065
0.57
TPSH0303 - 100M
10
100
0.092
0.43
TPSH0303 - 150M
15
100
0.113
0.33
TPSH0303 - 180M
18
100
0.125
0.30
TPSH0303 - 220M
22
100
0.146
0.28
TPSH0303 - 270M
27
100
0.176
0.26
TPSH0303 - 330M
33
100
0.214
0.23
TPSH0303 - 390M
39
100
0.225
0.21
TPSH0303 - 470M
47
100
0.304
0.19
TPSH0303 - 560M
56
100
0.324
0.17
TPSH0303 - 680M
68
100
0.472
0.15
TPSH0303 - 820M
82
100
0.539
0.14
TPSH0303 - 101M
100
1
0.608
0.128
TPSH0303 - 121M
120
1
0.757
0.116
TPSH0303 - 151M
150
1
0.882
0.106
TPSH0303 - 181M
180
1
1.130
0.095
TPSH0303 - 221M
220
1
1.269
0.087
TPSH0303 - 271M
270
1
1.570
0.080
TPSH0303 - 331M
330
1
1.930
0.078
TPSH0303 - 391M
390
1
2.360
0.073
TPSH0303 - 471M
470
1
2.770
0.065
TPSH0303 - 561M
560
1
3.520
0.056
TPSH0303 - 681M
680
1
4.250
0.056
TPSH0303 - 821M
820
1
5.830
0.050
TPSH0303 - 102M
1000
1
6.260
0.047
Note: 1.0 ~ 82µH Test Freq.: 100KHz/0.25V; 100 ~ 1000µH Test Freq.: 1KHz / 0.3V.
IDC: The current when the inductance becomes 35% lower than its nominal value.(ta=20°C).
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Numéro de pièce similaire - TPSH0302-1R5N

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
AVX Corporation
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Transko Electronics, In...
TPS TRANSKO-TPS Datasheet
411Kb / 1P
   FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
More results

Description similaire - TPSH0302-1R5N

FabricantNo de pièceFiches techniqueDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com