Moteur de recherche de fiches techniques de composants électroniques |
|
TCET24H-103 Fiches technique(PDF) 2 Page - Token Electronics Industry Co., Ltd. |
|
TCET24H-103 Fiches technique(HTML) 2 Page - Token Electronics Industry Co., Ltd. |
2 / 11 page 02 of 11 TCUU98V EMI Line Filters Magnetic Shielded Construction (TCUU98V) Configurations & Dimensions Common Mode Chokes (TCUU98V) at 25°C Electrical Characteristics Type A (max) B (max) C (max) D E F G TCUU98V 11.0 16.5 16.5 3.5 Φ0.6 7.0 8.0 Note: Design as Customer’s Requested Specifications. Part Number Inductance (mH)(min) Inductance Balance (µH)(max) DCR (Ω)(max) IDC (A)(max) TCUU98H-471 0.47 25 0.15 1.00 TCUU98H-681 0.68 25 0.25 0.85 TCUU98H-102 1.0 50 0.35 0.70 TCUU98H-222 2.2 50 0.7 0.50 TCUU98H-392 3.9 100 1.20 0.38 TCUU98H-472 4.7 100 1.60 0.34 TCUU98H-682 6.8 150 2.50 0.25 TCUU98H-103 10.0 200 4.00 0.20 Note: Test Freq.: 1.0kHz. Allowable Current : D.C. Current When Temperature of Coil Increased up to 40°C .(Ta=25°C ) A C D F Version 2010 TOKEN http://www.token.com.tw/ rfq token.com.tw |
Numéro de pièce similaire - TCET24H-103 |
|
Description similaire - TCET24H-103 |