Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC23-3C90 Fiches technique(PDF) 2 Page - Ferroxcube International Holding B.V.

No de pièce BC23-3C90
Description  Bobbin cores
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FERROXCUBE [Ferroxcube International Holding B.V.]
Site Internet  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

BC23-3C90 Fiches technique(HTML) 2 Page - Ferroxcube International Holding B.V.

  BC23-3C90 Datasheet HTML 1Page - Ferroxcube International Holding B.V. BC23-3C90 Datasheet HTML 2Page - Ferroxcube International Holding B.V. BC23-3C90 Datasheet HTML 3Page - Ferroxcube International Holding B.V. BC23-3C90 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
1377
Ferroxcube
EMI-suppression products
Bobbin cores
BOBBIN CORES
Type BC13/4.8/16
AL measured with fully wound bobbin.
Winding data for BC13/4.8/16
GRADE
AL (nH)
TYPE NUMBER
3C90
50
BC13/4.8/16-3C90
WINDING AREA
(mm2)
AVERAGE LENGTH
OF TURN
(mm)
38.8
27.3
Fig.1 BC13/4.8/16.
Dimensions in mm.
handbook, halfpage
CBW147
2
7
16
10
3 (2
×)
∅4.8
±0.2
∅12.8 0
−0.5
Type BC22/12/14
AL measured with fully wound bobbin.
Winding data for BC22/12/14
GRADE
AL (nH)
TYPE NUMBER
3C90
86
BC22/12/14-3C90
WINDING AREA
(mm2)
AVERAGE LENGTH
OF TURN
(mm)
43.0
53.4
Fig.2 BC22/12/14.
Dimensions in mm.
handbook, halfpage
;
;
;
;
;;
;;
CBW148
3.3
1
4
5
∅22 ±1
8.6
±0.6
14
±1
∅6
±0.3
2.7 (2
×)
∅12
±0.3
∅6 +0.1
−0.3
Type BC22/12/18
AL measured with fully wound bobbin.
Winding data for BC22/12/18
GRADE
AL (nH)
TYPE NUMBER
3C90
85
BC22/12/18-3C90
WINDING AREA
(mm2)
AVERAGE LENGTH
OF TURN
(mm)
63.0
53.4
Fig.3 BC22/12/18.
Dimensions in mm.
handbook, halfpage
;
;
;
;
;;
;;
CBW149
3.3
1
4
5
∅22 ±1
∅6
±0.3
12.6
±0.6
18
±1
2.7 (2
×)
∅12
±0.3
∅6 +0.1
−0.3


Numéro de pièce similaire - BC23-3C90

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC237 MOTOROLA-BC237 Datasheet
112Kb / 4P
   Amplifier Transistors
logo
Continental Device Indi...
BC237 CDIL-BC237 Datasheet
359Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
ON Semiconductor
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Jiangsu Changjiang Elec...
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC237 PHILIPS-BC237 Datasheet
51Kb / 8P
   NPN general purpose transistors
1997 Sep 04
More results

Description similaire - BC23-3C90

FabricantNo de pièceFiches techniqueDescription
logo
FERYSTER Inductive Comp...
EFD-20-K-H-10P FERYSTER-EFD-20-K-H-10P Datasheet
93Kb / 1P
   EFD Bobbin
EFD-15-K-10P-4S FERYSTER-EFD-15-K-10P-4S Datasheet
112Kb / 1P
   EFD Bobbin
EFD-25-K-10P-EP FERYSTER-EFD-25-K-10P-EP Datasheet
187Kb / 1P
   EFD Bobbin
EFD-20-K-8P FERYSTER-EFD-20-K-8P Datasheet
64Kb / 1P
   EFD Bobbin
EFD-25-K-10P-SMD FERYSTER-EFD-25-K-10P-SMD Datasheet
103Kb / 1P
   EFD Bobbin
EFD-30-K-12P FERYSTER-EFD-30-K-12P Datasheet
65Kb / 1P
   EFD Bobbin
EFD-15-K-10P-4S-SMD FERYSTER-EFD-15-K-10P-4S-SMD Datasheet
104Kb / 1P
   EFD Bobbin
EFD15-K-H-9P FERYSTER-EFD15-K-H-9P Datasheet
91Kb / 1P
   EFD Bobbin
EFD-15-K-8P-SMD FERYSTER-EFD-15-K-8P-SMD Datasheet
81Kb / 1P
   EFD Bobbin
EFD-20-K-10P-SMD FERYSTER-EFD-20-K-10P-SMD Datasheet
67Kb / 1P
   EFD Bobbin
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com