Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC13-3C90 Fiches technique(PDF) 3 Page - Ferroxcube International Holding B.V.

No de pièce BC13-3C90
Description  Bobbin cores
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FERROXCUBE [Ferroxcube International Holding B.V.]
Site Internet  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

BC13-3C90 Fiches technique(HTML) 3 Page - Ferroxcube International Holding B.V.

  BC13-3C90 Datasheet HTML 1Page - Ferroxcube International Holding B.V. BC13-3C90 Datasheet HTML 2Page - Ferroxcube International Holding B.V. BC13-3C90 Datasheet HTML 3Page - Ferroxcube International Holding B.V. BC13-3C90 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2008 Sep 01
1378
Ferroxcube
EMI-suppression products
Bobbin cores
Type BC22/12/19
AL measured with fully wound bobbin.
Winding data for BC22/12/19
GRADE
AL(nH)
TYPE NUMBER
3C90
94
BC22/12/19-3C90
WINDING AREA
(mm2)
AVERAGE LENGTH
OF TURN
(mm)
52.5
53.4
Fig.4 BC22/12/19.
Dimensions in mm.
handbook, halfpage
;
;
;
;
;;
;;
CBW150
3.3
0.75
4
5
∅22 ±1
18.5
±1
∅6
±0.3
4 (2
×)
∅12
±0.3
∅4.5
±0.15
10.5 +
0.6
0
Type BC22/12/38
AL measured with fully wound bobbin.
Winding data for BC22/12/38
GRADE
AL(nH)
TYPE NUMBER
3C90
74
BC22/12/38-3C90
WINDING AREA
(mm2)
AVERAGE LENGTH
OF TURN
(mm)
150
53.4
Fig.5 BC22/12/38.
Dimensions in mm.
handbook, halfpage
;;
;;
;;
;;
;
;
CBW151
∅22 ±1
38
±1.4
3.3
0.75
4
5
∅12
±0.3
∅4.5
±0.15
∅6
±0.3
4 (2
×)
30 +
1.4
0
Type BC23/12/14
AL measured with fully wound bobbin.
Winding data for BC23/12/14
GRADE
AL(nH)
TYPE NUMBER
3C90
92
BC23/12/14-3C90
WINDING AREA
(mm2)
AVERAGE LENGTH
OF TURN
(mm)
45.6
54.3
Fig.6 BC23/12/14.
Dimensions in mm.
handbook, halfpage
;
;
;
;
;;
;;
CBW152
∅22.6 ±1
8.6
±0.6
14
±1
∅6
±0.3
2.7 (2
×)
0.75
∅12
±0.3
∅4.2 +0.6
0


Numéro de pièce similaire - BC13-3C90

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BC1300050RJ ETC-BC1300050RJ Datasheet
370Kb / 2P
   Rheostat Variable Power Resistors
BC136 ETC1-BC136 Datasheet
121Kb / 1P
   General Purpose Transistors
BC138 ETC1-BC138 Datasheet
121Kb / 1P
   General Purpose Transistors
logo
STMicroelectronics
BC139 STMICROELECTRONICS-BC139 Datasheet
116Kb / 3P
   AUDIO OUTPUT AMPLIFIER
More results

Description similaire - BC13-3C90

FabricantNo de pièceFiches techniqueDescription
logo
FERYSTER Inductive Comp...
EFD-20-K-H-10P FERYSTER-EFD-20-K-H-10P Datasheet
93Kb / 1P
   EFD Bobbin
EFD-15-K-10P-4S FERYSTER-EFD-15-K-10P-4S Datasheet
112Kb / 1P
   EFD Bobbin
EFD-25-K-10P-EP FERYSTER-EFD-25-K-10P-EP Datasheet
187Kb / 1P
   EFD Bobbin
EFD-20-K-8P FERYSTER-EFD-20-K-8P Datasheet
64Kb / 1P
   EFD Bobbin
EFD-25-K-10P-SMD FERYSTER-EFD-25-K-10P-SMD Datasheet
103Kb / 1P
   EFD Bobbin
EFD-30-K-12P FERYSTER-EFD-30-K-12P Datasheet
65Kb / 1P
   EFD Bobbin
EFD-15-K-10P-4S-SMD FERYSTER-EFD-15-K-10P-4S-SMD Datasheet
104Kb / 1P
   EFD Bobbin
EFD15-K-H-9P FERYSTER-EFD15-K-H-9P Datasheet
91Kb / 1P
   EFD Bobbin
EFD-15-K-8P-SMD FERYSTER-EFD-15-K-8P-SMD Datasheet
81Kb / 1P
   EFD Bobbin
EFD-20-K-10P-SMD FERYSTER-EFD-20-K-10P-SMD Datasheet
67Kb / 1P
   EFD Bobbin
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com