Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF2A Fiches technique(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

No de pièce UF2A
Description  SURFACE MOUNT ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SY [Shanghai Shunye Electronics Co.,Ltd.]
Site Internet  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

UF2A Fiches technique(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  UF2A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. UF2A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF2A THRU UF2M
SURFACE MOUNT ULTRA FAST RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
Case: JEDEC DO-214AAmolded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.005 ounce, 0.138 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Ultra fast switching for high efficiency
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
MECHANICAL DATA
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
50.0
1.4
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=55 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
50.0
RqJA
CJ
TJ,TSTG
50.0
20.0
-65 to +150
pF
C
A
u
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
50
75
ns
UF2A UF2B
UF2D
UF2G UF2J
UF2K
UF2M
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Dimensions in inches and (millimeters)
0.086 (2.20)
0.077 (1.95)
0.180(4.57)
0.160(4.06)
0.155(3.94)
0.130(3.30)
0.122(3.12)
0.110(2.82)
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.205(5.21)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
DO-214AA
1.0
1.7
www.shunyegroup.com


Numéro de pièce similaire - UF2A

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
UF2A PANJIT-UF2A Datasheet
74Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Shenzhen Taychipst Elec...
UF2A TAYCHIPST-UF2A Datasheet
1Mb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
logo
Nantong Hornby Electron...
UF2A HORNBY-UF2A Datasheet
290Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Surge Components
UF2A SURGE-UF2A Datasheet
81Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes
logo
Shenzhen Luguang Electr...
UF2A LUGUANG-UF2A Datasheet
186Kb / 2P
   Surface Mount Rectifiers
More results

Description similaire - UF2A

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Shunye Electro...
US2A SY-US2A Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shanghai Shunye Electro...
US1A SHUNYE-US1A Datasheet
244Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AF YIXIN-US2AF Datasheet
130Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AL HOTTECH-US2AL Datasheet
168Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US3AF HOTTECH-US3AF Datasheet
153Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Electronics ...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com