Moteur de recherche de fiches techniques de composants électroniques |
|
SS8038L400GT73 Fiches technique(PDF) 7 Page - Silicon Standard Corp. |
|
SS8038L400GT73 Fiches technique(HTML) 7 Page - Silicon Standard Corp. |
7 / 9 page PIN DESCRIPTION PIN NAME FUNCTION 1 GND Ground (SS8037L/38L) RESET Output remains low while VCC is below the reset threshold, and for at least 140ms after VCC rises above the reset threshold. 2 RESET (SS8037H) RESET Output remains high while VCC is below the reset threshold, and for at least 140ms after VCC rises above the reset threshold. 3 VCC Supply Voltage (+5V, +3.3V, +3.0V) APPLICATIONS INFORMATION A microprocessor’s (µP’s) reset input starts the µP in a known state. The SS8037L/H and 8038L assert reset to prevent code-execution errors during power-up, power-down, or brownout conditions. They assert a reset signal whenever the VCC supply voltage declines below a preset threshold, keeping it asserted for at least 140ms after VCC has risen above the reset threshold. The SS8038L uses an open-drain output, and the SS8037L/37H have push-pull output stages. Connect a pull-up resistor on the SS8308L’s RESET output to any supply between 0 and 5.5V. Figure 1. Maximum Transient Duration Without Causing a Reset Pulse vs. Reset Compara- tor Overdrive Fig 2. RESET Valid to V CC = Ground Circuit Negative-Going VCC Transients In addition to issuing a reset to the µP during power-up, power-down, and brownout conditions, the SS8037L/H/8038L are relatively immune to short- duration negative-going VCC transients (glitches). Figure 1 shows typical transient duration vs. reset com- parator overdrive, for which the SS8037L/H/8038L do not generate a reset pulse. The graph was generated using a negative-going pulse applied to VCC, starting 0.5V above the actual reset threshold and ending below it by the magnitude indicated (reset comparator overdrive). The graph indicates the maximum pulse width a nega- tive-going VCC transient can have without causing a reset pulse. As the magnitude of the transient increases (goes farther below the reset threshold), the maximum allow- able pulse width decreases. Typically, for the SS803xx 463 and SS803xx438, a V CC transient that goes 100mV below the reset threshold and lasts 7µs or less will not cause a reset pulse. A 0.1µF bypass capacitor mounted as close as possible to the VCC pin provides additional transient immunity. Ensuring a Valid Reset Output Down to VCC = 0 When VCC falls below 1V, the SS8037 RESET output no longer sinks current—it becomes an open circuit. Therefore, high-impedance CMOS logic inputs con- nected to RESET can drift to undetermined voltages. This presents no problem in most applications since most µP and other circuitry is inoperative with VCC below 1V. However, in applications where RESET must be valid down to 0V, adding a pull-down resistor to RESET causes any stray leakage currents to flow to ground, holding RESET low (Figure 2). R1’s value is not critical; 100k Ω is large enough not to load RESET and small enough to pull RESET to ground. A 100k Ω pull-up resistor to VCC is also recommended for the SS8038L if RESET is required to remain valid for VCC < 1V. 0 100 200 300 400 500 600 1 10 100 1000 Reset Comparator Overdrive, VTH- VCC (mV) 803xx308/293/263 803xx 463/438/400 V CC RESET GND R1 100k V CC RESET GND SS8037 R1 100k www.SiliconStandard.com 7 of 9 SS8037/8(G) 10/6/2004 Rev.2.20 |
Numéro de pièce similaire - SS8038L400GT73 |
|
Description similaire - SS8038L400GT73 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |