Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS8026T52TR Fiches technique(PDF) 10 Page - Silicon Standard Corp.

No de pièce SS8026T52TR
Description  1.8V 1A Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026T52TR Fiches technique(HTML) 10 Page - Silicon Standard Corp.

Back Button SS8026T52TR Datasheet HTML 4Page - Silicon Standard Corp. SS8026T52TR Datasheet HTML 5Page - Silicon Standard Corp. SS8026T52TR Datasheet HTML 6Page - Silicon Standard Corp. SS8026T52TR Datasheet HTML 7Page - Silicon Standard Corp. SS8026T52TR Datasheet HTML 8Page - Silicon Standard Corp. SS8026T52TR Datasheet HTML 9Page - Silicon Standard Corp. SS8026T52TR Datasheet HTML 10Page - Silicon Standard Corp. SS8026T52TR Datasheet HTML 11Page - Silicon Standard Corp. SS8026T52TR Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.SiliconStandard.com
10 of 12
Rev.2.02 12/06/2003
SS8026
TO-252 (T4) Package
MILLIMETERS
INCHES
SYMBOL
MIN.
MAX.
MIN.
MAX.
A
2.19
2.38
0.086
0.094
A1
0.89
1.27
0.035
0.050
b
0.64
0.89
0.025
0.035
C
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.245
E
6.35
6.73
0.250
0.265
E1
5.21
5.46
0.205
0.215
e
2.26BSC
0.09BSC
e1
3.96
5.18
0.156
0.204
F
0.46
0.58
0.018
0.023
L1
0.89
2.03
0.035
0.080
L2
0.64
1.02
0.025
0.040
L3
2.40
2.80
0.095
0.110
H
9.40
10.40
0.370
0.410
θ
E1
L1
F
A
E
D
L2
b
e
L3
C
e1
H
A1
θ
E1
L1
F
A
E
D
L2
b
e
L3
C
e1
H
A1
θ


Numéro de pièce similaire - SS8026T52TR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTB SSC-SS8021GTB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTR SSC-SS8021GTR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TB SSC-SS8021TB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TR SSC-SS8021TR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
More results

Description similaire - SS8026T52TR

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
   1.8V 1A Regulator
G952 GMT-G952_15 Datasheet
68Kb / 1P
   1.8V 1A Regulator
G952 GMT-G952_07 Datasheet
428Kb / 11P
   1.8V 1A Regulator
logo
TAITRON Components Inco...
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com