Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS8014-33GTR Fiches technique(PDF) 9 Page - Silicon Standard Corp.

No de pièce SS8014-33GTR
Description  300mA Low-Noise LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8014-33GTR Fiches technique(HTML) 9 Page - Silicon Standard Corp.

Back Button SS8014-33GTR Datasheet HTML 2Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 3Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 4Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 5Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 6Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 7Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 8Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 9Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.SiliconStandard.com
9 of 10
Layout Guide
An input capacitance of ~1µF is required between the
SS8014 input pin and ground (the amount of the ca-
pacitance may be increased without limit), This ca-
pacitor must be located a distance of not more than
1cm from the input and return to a clean analog
ground.
The input capacitor filters out the input voltage spike
caused by the surge current due to the inductive effect
of the package pin and the printed circuit board’s rout-
ing wire. Otherwise, the actual voltage at the IN pin
may exceed the absolute maximum rating.
The output capacitor also must be located a distance
of not more than 1cm from output to a clean analog
ground, so that it can filter out the output spike
caused by the surge current due to the inductive effect
of the package pin and the printed circuit board’s rout-
ing wire. Figure 5 is the SS8014 PCB recommended
layout.
Figure 4 Safe Operating Area
Maximum Power Dissipation of SOT-23-5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature T A (°C)
Still Air
1oz Copper on SOT-23-5 Package
Mounted on recommended mimimum footprint (R
? JA=240°C/W)
Figure 4. Power Dissipation vs. Temperature
Figure 3. Safe Operating Area
Figure 5. Fixed Mode
*Distance between pin & capacitor must be no more than 1cm
Figure 2. Recommended Minimum Footprint
0
50
100
150
200
250
300
350
400
0.1
0.4
0.7
1.0
1.3
1.6
1.9
2.2
Input-Output Voltage Differential VIN-VOUT (V)
Safe Operating Area [Power Dissipation Limit]
1oz Copper on SOT-23-5 Package
Mounted on recommended mimimum
footprint (RJA=240°C/W)
Still air
TA=85
°C
TA=25
°C
TA=55
°C
Maximum Recommended Output Current
Note: VIN(max) <= 5.5V
1/12/2005 Rev.2.10
SS8014-xxG


Numéro de pièce similaire - SS8014-33GTR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS8014G SSC-SS8014G Datasheet
180Kb / 6P
   150mA Low-Noise LDO Regulator
SS8014GTR SSC-SS8014GTR Datasheet
180Kb / 6P
   150mA Low-Noise LDO Regulator
More results

Description similaire - SS8014-33GTR

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com