Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS8012GTR Fiches technique(PDF) 6 Page - Silicon Standard Corp.

No de pièce SS8012GTR
Description  Rail-to-Rail I/O Op. Amp.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8012GTR Fiches technique(HTML) 6 Page - Silicon Standard Corp.

  SS8012GTR Datasheet HTML 1Page - Silicon Standard Corp. SS8012GTR Datasheet HTML 2Page - Silicon Standard Corp. SS8012GTR Datasheet HTML 3Page - Silicon Standard Corp. SS8012GTR Datasheet HTML 4Page - Silicon Standard Corp. SS8012GTR Datasheet HTML 5Page - Silicon Standard Corp. SS8012GTR Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
6 of 6
SS8012G
8/21/2004 Rev.2.01
Package Information
Note:
1. Package body sizes exclude mold flash protrusions or gate burrs
2. Tolerance ±0.1000 mm (4mil) unless otherwise specified
3. Coplanarity: 0.1000mm
4. Dimension L is measured in gage plane
DIMENSIONS IN MILLIMETERS
SYMBOLS
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
-----
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80
e
-----
1.90(TYP)
-----
e1
-----
0.95
-----
H
2.60
2.80
3.00
L
0.37
------
-----
θ1
Taping Specification
(Unit: mm)
E
e
D
H
θ1
L
C
b
A2
A1
A
e1
Feed Direction
SOT-23-5 Package Orientation


Numéro de pièce similaire - SS8012GTR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-15GTR SSC-SS8014-15GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-18GTR SSC-SS8014-18GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-25GTR SSC-SS8014-25GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-27GTR SSC-SS8014-27GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
More results

Description similaire - SS8012GTR

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G1212 GMT-G1212 Datasheet
501Kb / 6P
   Rail-to-Rail I/O OP Amp
logo
Maxwell Technologies
6484RPFK MAXWELL-6484RPFK Datasheet
81Kb / 7P
   CMOS Quad Rail-to-Rail I/O Op Amp
logo
Global Mixed-mode Techn...
G1211 GMT-G1211 Datasheet
212Kb / 6P
   Rail-to-Rail I/O, 100mA Output Op Amp
G1214 GMT-G1214_15 Datasheet
38Kb / 1P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211_15 Datasheet
142Kb / 4P
   RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1214 GMT-G1214 Datasheet
333Kb / 5P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_06 Datasheet
271Kb / 6P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211_11 Datasheet
185Kb / 4P
   RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211 Datasheet
138Kb / 5P
   RAIL TO RAIL I/O,HIGH-SLEW-RATE OP AMP
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com