Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS8000GQTR Fiches technique(PDF) 1 Page - Silicon Standard Corp.

No de pièce SS8000GQTR
Description  GSM Power-Management System
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8000GQTR Fiches technique(HTML) 1 Page - Silicon Standard Corp.

  SS8000GQTR Datasheet HTML 1Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 2Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 3Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 4Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 5Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 6Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 7Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 8Page - Silicon Standard Corp. SS8000GQTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.SiliconStandard.com
1 of 14
SS8000G
GSM Power-Management System
Handles all GSM baseband power management
Input range 2.8V to 5.5V
Charger input up to 15V
Seven LDOs optimized for specific GSM
subsystems
High operating efficiency and low stand-by
current
Li-Ion and NiMH battery charge function
SIM card interface
Three open-drain output switches to control
the LED, alerter and vibrator
Thermal overload protection
Under-voltage lock-out protection
Over-voltage protection
Power-on reset and start-up timer
QFN-48 package
The SS8000 is a power-management system chip
optimized for GSM handsets. It contains seven LDOs,
one to power each of the critical GSM sub-blocks.
Sophisticated controls are available for power-up
during battery charging, keypad interface, and RTC alarm.
The SS8000 is optimized for maximum battery life
featuring a ground current of only 107µA in standby and
187µA when the phone is in operation.
The SS8000 battery charger can be used with lithium
ion (Li-Ion) and nickel metal hydride (NiMH) batteries.
The
SS8000
contains
three
open-drain
output
switches for LED, alerter and vibrator control. The SIM
interface provides the level shift between SIM card and
microprocessor.
The SS8000 is available in a 48-pin QFN package. The
operating temperature range is from -25°C to +85°C.
FEATURES
DESCRIPTION
APPLICATIONS
GSM/GPRS Mobile Handsets
Basic and High-end Phones
12/06/2004 Rev.2.10
This device is
supplied with a Pb-free lead finish (second-level interconnect).


Numéro de pièce similaire - SS8000GQTR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
SS8012GTR SSC-SS8012GTR Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-15GTR SSC-SS8014-15GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-18GTR SSC-SS8014-18GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
More results

Description similaire - SS8000GQTR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3522 AD-ADP3522 Datasheet
467Kb / 20P
   GSM Power Management System
REV. 0
ADP3404 AD-ADP3404_15 Datasheet
145Kb / 12P
   GSM Power Management System
REV. 0
ADP3405 AD-ADP3405_15 Datasheet
148Kb / 12P
   GSM Power Management System
REV. 0
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408_15 Datasheet
1,019Kb / 20P
   GSM Power Management System
REV. A
ADP3405 AD-ADP3405 Datasheet
152Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com