Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS6721-50GZTR Fiches technique(PDF) 3 Page - Silicon Standard Corp.

No de pièce SS6721-50GZTR
Description  150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6721-50GZTR Fiches technique(HTML) 3 Page - Silicon Standard Corp.

  SS6721-50GZTR Datasheet HTML 1Page - Silicon Standard Corp. SS6721-50GZTR Datasheet HTML 2Page - Silicon Standard Corp. SS6721-50GZTR Datasheet HTML 3Page - Silicon Standard Corp. SS6721-50GZTR Datasheet HTML 4Page - Silicon Standard Corp. SS6721-50GZTR Datasheet HTML 5Page - Silicon Standard Corp. SS6721-50GZTR Datasheet HTML 6Page - Silicon Standard Corp. SS6721-50GZTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.SiliconStandard.com
3 of 7
SS6721G/DG
1/21/2005 Rev.2.01
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT
ELECTRICAL CHARACTERISTICS
(Tj = 25°C, CIN = 1µF, COUT = 10µF, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
SS6721/6721D-50
SS6721/6721D
VIN=5.5 to12V, IOUT=0mA
VIN=3.6 to12V, IOUT=0mA
4.950
3.267
5.0
3.3
5.050
3.333
V
Output Voltage
Temperature
Coefficient
(Note 1)
50
150
PPM/°C
Line Regulation
IOUT=1mA
SS6721/6721D-50
SS6721/6721D
VIN=5.5 to12V
VIN=3.6 to12V
3
3
10
10
mV
Load Regulation
(Note 2)
SS6721-50
SS6721D-50
SS6721
SS6721D
VIN=7V, IOUT=0.1 to 150mA
VIN=7V, IOUT=0.1 to 300mA
VIN=5V, IOUT=0.1 to 150mA
VIN=5V, IOUT=0.1 to 300mA
7
7
7
7
15
25
15
25
mV
Current Limit
(Note 3)
SS6721-50
SS6721
SS6721D-50
SS6721D
VIN=7V, VOUT=0V
VIN=5V, VOUT=0V
VIN=7V, VOUT=0V
VIN=5V, VOUT=0V
300
300
300
300
440
440
440
440
mA
Dropout Voltage
(Note 4)
SS6721-50
SS6721
SS6721D-50
SS6721D
IOUT=150mA
IOUT=150mA
IOUT=300mA
IOUT=300mA
200
270
400
540
300
370
500
640
mV
Ground Current
IOUT=0.1mA to IMAX
SS6721/6721D-50
SS6721/6721D
VIN=5.5 to 12V
VIN=4 to 12V
55
55
80
80
µA
Note 1:
Guaranteed by design.
Note 2:
Regulation is measured at a constant junction temperature, which is maintained using pulse
testing.
Note 3:
Current limit is measured by pulse testing.
Note 4:
Dropout voltage is defined as voltage differential at which the output voltage drops 100mV with
an initial 1V differential between input and output.
Note5:
Specifications over -40
°C to 85°C operating temperature range are guaranteed by design with
Statistical Quality Controls (SQC), not production test.


Numéro de pièce similaire - SS6721-50GZTR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS6729 SSC-SS6729 Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CNTB SSC-SS6729-3018CNTB Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CNTR SSC-SS6729-3018CNTR Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CSTB SSC-SS6729-3018CSTB Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CSTR SSC-SS6729-3018CSTR Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
More results

Description similaire - SS6721-50GZTR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS62951 SSC-SS62951 Datasheet
614Kb / 10P
   150mA/ 300mA Low Dropout Linear Regulatror
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Maxim Integrated Produc...
MAX8885 MAXIM-MAX8885 Datasheet
179Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
MAX8875 MAXIM-MAX8875_V01 Datasheet
260Kb / 9P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
2000
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
logo
Analog Intergrations Co...
AIC1737 AIC-AIC1737 Datasheet
72Kb / 5P
   LOW OUTPUT VOLTAGE, 300mA LOW DROPOUT LINEAR REGULATOR
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com