Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS6721DG Fiches technique(PDF) 6 Page - Silicon Standard Corp.

No de pièce SS6721DG
Description  150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6721DG Fiches technique(HTML) 6 Page - Silicon Standard Corp.

  SS6721DG Datasheet HTML 1Page - Silicon Standard Corp. SS6721DG Datasheet HTML 2Page - Silicon Standard Corp. SS6721DG Datasheet HTML 3Page - Silicon Standard Corp. SS6721DG Datasheet HTML 4Page - Silicon Standard Corp. SS6721DG Datasheet HTML 5Page - Silicon Standard Corp. SS6721DG Datasheet HTML 6Page - Silicon Standard Corp. SS6721DG Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.SiliconStandard.com
6 of 7
SS6721G/DG
1/21/2005 Rev.2.01
PIN DESCRIPTIONS
VOUT PIN - Output pin.
GND PIN - Power GND.
VIN PIN
- Power Supply Input.
PHYSICAL DIMENSIONS
(unit: mm)
SOT-89
A
C
e1
e
D
D1
0.36
2.29
1.50
4.40
0.35
0.44
e1
D
E
e
D1
C
B1
B
3.00 BSC
0.48
2.60
1.83
4.60
0.44
0.56
1.50 BSC
1.40
MIN.
S
Y
M
B
O
L
A
1.60
MAX.
SOT-89
MILLIMETERS
0.89
3.94
L
H
1.20
4.25
B
B1


Numéro de pièce similaire - SS6721DG

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS6729 SSC-SS6729 Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CNTB SSC-SS6729-3018CNTB Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CNTR SSC-SS6729-3018CNTR Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CSTB SSC-SS6729-3018CSTB Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CSTR SSC-SS6729-3018CSTR Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
More results

Description similaire - SS6721DG

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS62951 SSC-SS62951 Datasheet
614Kb / 10P
   150mA/ 300mA Low Dropout Linear Regulatror
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Maxim Integrated Produc...
MAX8885 MAXIM-MAX8885 Datasheet
179Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
MAX8875 MAXIM-MAX8875_V01 Datasheet
260Kb / 9P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
2000
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
logo
Analog Intergrations Co...
AIC1737 AIC-AIC1737 Datasheet
72Kb / 5P
   LOW OUTPUT VOLTAGE, 300mA LOW DROPOUT LINEAR REGULATOR
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com