Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS6523-0COTB Fiches technique(PDF) 6 Page - Silicon Standard Corp.

No de pièce SS6523-0COTB
Description  500mA Power Distribution Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6523-0COTB Fiches technique(HTML) 6 Page - Silicon Standard Corp.

  SS6523-0COTB Datasheet HTML 1Page - Silicon Standard Corp. SS6523-0COTB Datasheet HTML 2Page - Silicon Standard Corp. SS6523-0COTB Datasheet HTML 3Page - Silicon Standard Corp. SS6523-0COTB Datasheet HTML 4Page - Silicon Standard Corp. SS6523-0COTB Datasheet HTML 5Page - Silicon Standard Corp. SS6523-0COTB Datasheet HTML 6Page - Silicon Standard Corp. SS6523-0COTB Datasheet HTML 7Page - Silicon Standard Corp. SS6523-0COTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.SiliconStandard.com
6 of 8
SS6523

!"
TYPICAL PERFORMANCE CHARACTERISTICS   
  



"  &(!$!

Ω !"
  

"*  !("$+$,$


#$!
  

"-  !&$"

    
%


     


!"
BLOCK DIAGRAM
&
'%
(%

 
  
 

 
  






Rev.2.01 6/26/2003


Numéro de pièce similaire - SS6523-0COTB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CXBG SSC-SS6520CXBG Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CXTR SSC-SS6520CXTR Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CZBG SSC-SS6520CZBG Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CZTR SSC-SS6520CZTR Datasheet
505Kb / 7P
   USB High-Side Power Switch
More results

Description similaire - SS6523-0COTB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Intergrations Co...
AIC1523 AIC-AIC1523 Datasheet
183Kb / 8P
   500mA Power Distribution Switch
logo
Monolithic Power System...
MP62055 MPS-MP62055 Datasheet
376Kb / 10P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
logo
BCD Semiconductor Manuf...
AP2805 BCDSEMI-AP2805 Datasheet
691Kb / 16P
   500mA High-side Power Distribution Switch with Enable and Flag
logo
Monolithic Power System...
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Unisonic Technologies
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
   POWER DISTRIBUTION SWITCH
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
   POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
   Power Distribution Switch
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
   Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com