Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS6383BGE5TR Fiches technique(PDF) 1 Page - Silicon Standard Corp.

No de pièce SS6383BGE5TR
Description  3A DDR Termination Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6383BGE5TR Fiches technique(HTML) 1 Page - Silicon Standard Corp.

  SS6383BGE5TR Datasheet HTML 1Page - Silicon Standard Corp. SS6383BGE5TR Datasheet HTML 2Page - Silicon Standard Corp. SS6383BGE5TR Datasheet HTML 3Page - Silicon Standard Corp. SS6383BGE5TR Datasheet HTML 4Page - Silicon Standard Corp. SS6383BGE5TR Datasheet HTML 5Page - Silicon Standard Corp. SS6383BGE5TR Datasheet HTML 6Page - Silicon Standard Corp. SS6383BGE5TR Datasheet HTML 7Page - Silicon Standard Corp. SS6383BGE5TR Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.SiliconStandard.com
1 of 8
SS6383B(G)
11/07/2004 Rev.2.01
3A DDR Termination Regulator
FEATURES
DESCRIPTION
Source and sink current capability of 3A
Low output voltage offset, ±20mV
High accuracy output voltage at full-load
VOUT adjustable by external resistors
Low external component count
Current limit protection
Thermal protection
SO-8, TO-252-5 and TO-263-5 packages
APPLICATIONS
Mother Boards
Graphic Cards
DDR Termination Voltage Supply - supports
The SS6383B linear regulator is designed to
provide 3A source and sink current while
regulating an output voltage to within 45mV.
The SS6383B converts voltage supplies ranging
from 1.6V to 6V into an output voltage that
is set by two external voltage-divider resistors.
It provides an excellent voltage source for
active termination schemes for high-speed
transmission lines such as those seen in high-
speed memory buses.
The built-in current-limiting in source and sink
mode, together with thermal shutdown, provides
maximum protection to the SS6383B against
fault conditions.
TYPICAL APPLICATION CIRCUIT
DDR1 (1.25VTT), DDR2 (0.9VTT), and meets
JEDEC SSTL-2 and SSTL-3 term. specifications
This device is available with Pb-free lead finish (second-level interconnect) as SS6383BGxx
1
2
3
+
COUT
220
µF
+
CIN
470
µF
+
CCNTL
47
µF
R1
100K
R2
100K
VIN=2.5V
VIN
GND
VCNTL
VOUT
5
VREF
4
SS6
383BCE5
SSM7002EN
EN
C1
VOUT
VCNTL=3.3V
100pF


Numéro de pièce similaire - SS6383BGE5TR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
   1.5A DDR Termination Regulator
SS6383A SSC-SS6383A Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383ACE5TR SSC-SS6383ACE5TR Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383ACSTR SSC-SS6383ACSTR Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383AG SSC-SS6383AG Datasheet
772Kb / 7P
   2A DDR Termination Regulator
More results

Description similaire - SS6383BGE5TR

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
   3A DDR TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Monolithic Power System...
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com