Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF4002-T3 Fiches technique(PDF) 1 Page - Won-Top Electronics

No de pièce UF4002-T3
Description  1.0A ULTRAFAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF4002-T3 Fiches technique(HTML) 1 Page - Won-Top Electronics

  UF4002-T3 Datasheet HTML 1Page - Won-Top Electronics UF4002-T3 Datasheet HTML 2Page - Won-Top Electronics UF4002-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF4001 – UF4007
1 of 3
© 2002 Won-Top Electronics
UF4001 – UF4007
1.0A ULTRAFAST RECOVERY RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.34 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
UF
4001
UF
4002
UF
4003
UF
4004
UF
4005
UF
4006
UF
4007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
50
75
nS
Typical Junction Capacitance (Note 3)
Cj
20
10
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-41
Dim
Min
Max
A
25.4
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm


Numéro de pièce similaire - UF4002-T3

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
UF4002-T3 WTE-UF4002-T3 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
More results

Description similaire - UF4002-T3

FabricantNo de pièceFiches techniqueDescription
logo
Zibo Seno Electronic En...
HFM101 ZSELEC-HFM101 Datasheet
140Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
US1AW ZSELEC-US1AW Datasheet
97Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
US1000FL ZSELEC-US1000FL Datasheet
150Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
logo
Diodes Incorporated
FR106 DIODES-FR106 Datasheet
58Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26001 Rev. D-3
1N4933 DIODES-1N4933_1 Datasheet
67Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
logo
Torex Semiconductor
XBF10A40S-G TOREX-XBF10A40S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR1001 DIODES-PR1001 Datasheet
62Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. A-2
PR1001 DIODES-PR1001_2 Datasheet
78Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. 4 - 2
logo
Won-Top Electronics
BA157 WTE-BA157 Datasheet
48Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
logo
NTE Electronics
1N4001 NTE-1N4001 Datasheet
235Kb / 2P
   1.0A Standard Recovery Rectifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com