Moteur de recherche de fiches techniques de composants électroniques |
|
SS6084-25CETR Fiches technique(PDF) 1 Page - Silicon Standard Corp. |
|
SS6084-25CETR Fiches technique(HTML) 1 Page - Silicon Standard Corp. |
1 / 7 page www.SiliconStandard.com 1 of 7 SS6084 Rev.2.02 4/06/2004 FEATURES Dropout voltage 1.3V at 5A output current. Fast transient response. Extremely tight line and load regulation. Current limiting and thermal protection. Adjustable output voltage or fixed at 1.5V, 1.8V, 2.5V, 3.3V. Standard 3-pin power packages. APPLICATIONS Motherboard I/O Power Supplies. Microprocessor Power Supplies. High-Current Regulators. Post-regulator for Switching Supplies. DESCRIPTION The SS6084 is a low-dropout three-terminal linear regulator with 5A output current capability. The output voltage is adjustable with a resistor divider or fixed at 1.5V, 1.8V, 2.5V or 3.3V. Dropout voltage is guaranteed to be a maximum of 1.4V at the maximum output current. This low dropout voltage and fast transient response make the SS6084 ideal for low-voltage microprocessor applications. Current and thermal limiting provide protection against overload conditions that would create excessive junction temperatures. TYPICAL APPLICATION CIRCUIT C2 10 µF VOUT 3.3V VIN 5V + + VREF RF2 205 Ω 1% ADJ SS6084 C1 10 µF 2 3 1 RF1 125 Ω 1% VREF=VOUT -VADJ=1.25V (typ.) VOUT=V REF x (1+RF2/RF1)+ IADJ x RF2 IADJ=55µA (typ.) (1) C1 is needed if the device is physically far from the filter capacitors. (2) C2 is required for stability. Adjustable Voltage Regulator C2 10 µF VOUT 3.3V VIN 5V + + GND C1 10 µF SS6084-33 2 1 3 Fixed Voltage Regulator 5A Low-dropout Positive Linear Regulator |
Numéro de pièce similaire - SS6084-25CETR |
|
Description similaire - SS6084-25CETR |