Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS9176CS-10 Fiches technique(PDF) 8 Page - Silicon Standard Corp.

No de pièce SS9176CS-10
Description  Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS9176CS-10 Fiches technique(HTML) 8 Page - Silicon Standard Corp.

Back Button SS9176CS-10 Datasheet HTML 4Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 5Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 6Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 7Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 8Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 9Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 10Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 11Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.SiliconStandard.com
8 of 12
SS9175/6
REFERENCE CIRCUITS
Current sharing application using SS9176CS
This current sharing circuit is implemented using
the SS9176CS. The dual phase MOSFETs
must be supplied from the same supply voltage (in
this case, from 12V). They can also be supplied from
a 5V supply voltage. As there is only a single output
voltage (1.4V in this case), the divided voltage is
fed back to the IN pin. The VCC supply voltage can
be
either
12V
or
5V,
depending
on
the
convenience of PCB layout, but VCC = 12V is
recommended. If VCC > 6.5V, the BSTC output is
fixed at 6V. This BSTC voltage is used as the
supply voltage for the bootstrap circuit’s diodes
input. A 10uF capacitor is recommended for BSTC
decoupling. A 1k resistor is connected from CL2+
to the MOSFET’s high-side voltage. This 1k
resistor is used to program the OCP level.
1.4v
PWRG
12v
VCC
DH1
DL1
BST1
PGND
IN1
COMP
PWRGD
CL2+
CL2-
DH2
DL2
BST2
BSTC
SS/ENB
GND
1uF
1k
1uF
7.5uH
450uF
50k
50k
7.5uH
10uF
0.22uF
2.2pF
APPLICATION INFORMATION (cont.)
Rev.2.02 12/29/2003
PRELIMINARY


Numéro de pièce similaire - SS9176CS-10

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
SS9011 FAIRCHILD-SS9011 Datasheet
61Kb / 4P
   AM Converter, AM/FM IF Amplifier General Purpose Transistor
logo
Samsung semiconductor
SS9012 SAMSUNG-SS9012 Datasheet
219Kb / 6P
   PNP (1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION)
logo
Fairchild Semiconductor
SS9012 FAIRCHILD-SS9012 Datasheet
35Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012 FAIRCHILD-SS9012 Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012GBU FAIRCHILD-SS9012GBU Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
More results

Description similaire - SS9176CS-10

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175 SEMTECH-SC1175_04 Datasheet
379Kb / 23P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
logo
Anpec Electronics Corop...
APW1175 ANPEC-APW1175 Datasheet
247Kb / 10P
   DUAL SYNCHRONOUS DC/DC CONTROLLER WITH CURRENT SHARING CONTROL
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com