Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF1000FCT Datasheet(Fiches technique) 2 Page - Won-Top Electronics

Numéro de pièce UF1000FCT
Description  10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF1000FCT Datasheet(HTML) 2 Page - Won-Top Electronics

  UF1000FCT Datenblatt HTML 1Page - Won-Top Electronics UF1000FCT Datasheet HTML 2Page - Won-Top Electronics UF1000FCT Datenblatt HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
30
60
90
0
120
150
180
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1006 - 1008
1000 - 1004
0
2
4
6
8
10
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
1006 - 1008
1003 - 1004
1000 - 1002
UF1000FCT – UF1008FCT
2 of 3
© 2002 Won-Top Electronics


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn